Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM384 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM384
Description  5W Audio Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM384 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM384 Datasheet HTML 1Page - National Semiconductor (TI) LM384 Datasheet HTML 2Page - National Semiconductor (TI) LM384 Datasheet HTML 3Page - National Semiconductor (TI) LM384 Datasheet HTML 4Page - National Semiconductor (TI) LM384 Datasheet HTML 5Page - National Semiconductor (TI) LM384 Datasheet HTML 6Page - National Semiconductor (TI) LM384 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
28V
Peak Current
1.3A
Power Dissipation (See (Notes 4, 5))
1.67W
Input Voltage
±0.5V
Storage Temperature
−65˚C to +150˚C
Operating Temperature
0˚C to +70˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Thermal Resistance
θ
JC
30˚C/W
θ
JA
79˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Operating Ratings indicate conditions for which the de-
vice is functional, but do not guarantee specific performance limits.
Electrical Characteristics (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Z
IN
Input Resistance
150
k
Ω
I
BIAS
Bias Current
Inputs Floating
100
nA
A
V
Gain
40
50
60
V/V
P
OUT
Output Power
THD = 10%,R
L = 8Ω
5
5.5
W
I
Q
Quiescent Supply Current
8.5
25
mA
V
OUT Q
Quiescent Output Voltage
11
V
BW
Bandwidth
P
OUT = 2W, RL = 8Ω
450
kHz
V
+
Supply Voltage
12
26
V
I
SC
Short Circuit Current (Note 6)
1.3
A
PSRR
RTO
Power Supply Rejection Ratio
31
dB
(Note 3) )
THD
Total Harmonic Distortion
P
OUT = 4W, RL = 8Ω
0.25
1.0
%
Note 2: V+ = 22V and TA = 25˚C operating with a Staver V7 heat sink for 30 seconds.
Note 3: Rejection ratio referred to the output with CBYPASS = 5 µF, freq = 120 Hz.
Note 4: The maximum junction temperature of the LM384 is 150˚C.
Note 5: The package is to be derated at 15˚C/W junction to heat sink pins.
Note 6: Output is fully protected against a shorted speaker condition at all voltages up to 22V.
Heat Sink Dimensions
Staver “V7” Heat Sink
DS007843-4
Staver Company
41 Saxon Ave.
P.O. Drawer H
Bay Shore, N.Y.
Tel: (516) 666-8000
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com