Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6231 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6231
Description  Single Positive Supply Pin
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6231 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6231 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6231 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6231 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6231 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6231 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6231 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6231 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6231 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

2. Ambient operational temperature TA=25°C unless noted
3. Channel-to-backside Thermal Resistance (Tchannel = 34°C) as measured using infrared microscopy. Thermal Resistance at backside temp. (Tb)
= 25°C calculated from measured data.
DC Specifications/ Physical Properties (2, 3)
1. Operation in excess of any of these conditions may result in permanent damage to this device. The absolute maximum ratings for Vd, Id and
Pin were determined at an ambient temperature of 25°C unless noted otherwise.
Absolute Maximum Ratings (1)
Sym
Parameters/Condition
Unit
Max
Vd
Drain to Ground Voltage
V
5.5
Id
Drain Current
mA
100
Pin
RF CW Input Power Max
dBm
10
Tch
Max channel temperature
C
+150
Tstg
Storage temperature
C
-65 +150
Tmax
Maximum Assembly Temp
C
260 for 20s
Sym
Parameter and Test Condition
Unit
Min
Typ
Max
Idd
Drain Supply Current under any RF power drive and temp.
(Vdd = 3.0V)
mA
65
90
Vdd
Drain Supply Voltage
V
3
5
qjc
Thermal Resistance(3)
C/W
27
Symbol
Parameters and Test Conditions
Units
Frequency
Minimum
Typical
Maximum
Gain
RF Small Signal Gain
dB
18
20.5
23
NF
Noise Figure into 50
Ω
dB
18
2.4
2.6
RLin
Input Return Loss
dB
-10
RLout
Output Return Loss
dB
-13
Iso
Isolation
dB
45
P-1dB
Output Power at 1dB Gain Compression
dBm
8
OIP3
Output Third Order Intercept Point
dBm
19
Typical Distribution of Conversion Gain and Output Power based on 1000 parts
4. Specifications are derived from measurements in a 50
Ω test environment. Aspects of the amplifier performance may be improved over a nar-
rower bandwidth by application of additional conjugate, linearity, or low noise (Gopt) matching.
5. All tested parameters guaranteed with measurement accuracy +/-0.5dB for NF and +/-1dB for gain.
AMMP-6231 RF Specifications (4,5)
TA= 25°C, Vdd=3.0 V, Idd= 65 mA, Zo=50 Ω
NF at 18GHz
Gain at 18GHz
StDev = 0.57
StDev = 0.07



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com