Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2533 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2533
Description  LSTTL compatible
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2533 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2533 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
AbsoluteMaximumRatings
StorageTemperature......................................................................................................................................................... –55°Cto+125°C
OperatingTemperature................................................................................................................................................... –55°Cto+100°C
LeadSolderTemperature(1.6mmbelowseatingplane)..........................................................................................260°Cfor10s
AverageInputCurrent–IF(eachchannel)..................................................................................................................................25mA[1]
PeakInputCurrent–IF(eachchannel)(50%dutycycle,1mspulsewidth)..................................................................50mA[2]
PeakTransientInputCurrent–IF(eachchannel)(≤1µspulsewidth,300pps)...................................................................1.0A
ReverseInputVoltage–VR(eachchannel)............................................................................................................................................5V
InputPowerDissipation(eachchannel).....................................................................................................................................45mW[3]
AverageOutputCurrent–IO(eachchannel)....................................................................................................................................8mA
PeakOutputCurrent–IO(eachchannel)........................................................................................................................................16mA
SupplyandOutputVoltage–VCC(Pin8-5),VO(Pin7,6-5).............................................................................................–0.5Vto7V
OutputPowerDissipation(eachchannel).................................................................................................................................35mW[4]
Notes:
1. Deratelinearlyabove+70˚Cfree-airtemperatureatarateof0.8mA/˚C.
2. Deratelinearlyabove+70˚Cfree-airtemperatureatarateof1.6mA/˚C.
3. Deratelinearlyabove+70˚Cfree-airtemperatureatarateof0.9mW/˚C.
4. Deratelinearlyabove+70˚Cfree-airtemperatureatarateof1.0mW/˚C.
Ordering Information
HCPL-2533isULRecognizedwith3750Vrmsand5000Vrms(Option020)for1minuteperUL1577andareapproved
underCSAComponentAcceptanceNotice#5,FileCA88324.
Part
number
Option
Package
Surface
Mount
Gull
Wing
Tape
&Reel
UL5000Vrms/
1Minuterating
IEC/EN/DIN
EN60747-5-2 Quantity
RoHS
Compliant
NonRoHS
Compliant
HCPL-2533
-000E
No option
300mil
DIP-8
50 per tube
-300E
-300
X
X
50 per tube
-500E
-500
X
X
X
1000 per reel
-020E
-020
X
50 per tube
-320E
-320
X
X
X
50 per tube
-520E
-520
X
X
X
X
1000 per reel
-060E
-060
X
50 per tube
-360E
-360
X
X
X
50 per tube
-560E
-560
X
X
X
X
1000 per reel
Toorder,chooseapartnumberfromthepartnumbercolumnandcombinewiththedesiredoptionfromtheoption
columntoformanorderentry.
Example1:
HCPL-2533-500Etoorderproductof300milDIPGullWingSurfaceMountpackageinTapeandReelpackag-
ingwithRoHScompliant.
Example2:
HCPL-2533toorderproductof300milDIPpackageintubepackagingandnonRoHScompliant.
Optiondatasheetsareavailable.ContactyourAvagosalesrepresentativeorauthorizeddistributorforinformation.
Remarks:Thenotation‘#XXX’isusedforexistingproducts,while(new)productslaunchedsince15thJuly2001and
RoHScompliantoptionwilluse‘-XXXE‘.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com