Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C117 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C117
Description  Common anode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C117 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C117 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMF-C117 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

Device Selection Guide
Package Dimension (mm)
Parts per Reel
Package Description
3.2 (L) x 2.7 (W) x 1.1 (H)
3000
Untinted, Diffused
3.2 (0.126 )
0.5 (0.020)
0.7
(0.028)
0.6
(0.024)
COMMON
ANODE
1.1 (0.043)
2.0
(0.079)
1.5
(0.059)
LED DIE
DIFFUSED
EPOXY
PC BOARD
2.7
(0.106)
1.1 (0.043)
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE± 0.1 mm UNLESS OTHERWISE NOTED.
3
2
1
4
ANODE MARK
1
2
4
3
RED
BLUE
GREEN
POLARITY
0.4
(0.016)
4 – 0.05 (0.002)
SOLDERING TERMINAL
Package Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com