Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXREFDES113 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXREFDES113
Description  Functional Insulation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES113 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXREFDES113 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES113 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES113 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES113 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES113 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES113 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES113 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAXREFDES113# Reference Design Block Diagram
Details
Introduction
Isolated power supplies provide reliable power regulation for a variety of applications. Transformer selection is
often the most difficult step in isolated power design. The MAXREFDES113# is a compact 24V input flyback
converter module that features 12V at 1.6A output. Multiple transformers (Halo Electronics TGSP-
P153EP13LF, Wurth Electronics 750316112r01, HanRun HR051441, and Sumida 13324-T115) have been
qualified for this design, simplifying the process of transformer selection. In addition, through-hole pins on the
bottom side of the module allow for quick and easy integration of this power converter into the main system.
Pins are 15.24mm (0.6in) from power to ground, and 27.94mm (1.1in) from the input side to the output side.
The MAX17596 is a peak-current-mode controller for design of wide input-voltage flyback and boost
regulators. The reference design operates over a 17V to 36V input voltage range, and provides up to
1.6A (plus 20% overhead) at 12V output. The MAX17596 has an internal amplifier with 1% accurate
reference, eliminating the need for an external reference. The switching frequency is programmable
from 100kHz to 1MHz with an accuracy of 8%, allowing optimization of magnetic and filter
components, resulting in compact and cost-effective power conversion. This design is set to switch at
200kHz. For EMI-sensitive applications, the MAX17596 incorporates a programmable frequency
dithering scheme, enabling low-EMI spread-spectrum operation.
The input undervoltage lockout (EN/UVLO) is provided for programming the input-supply start voltage
(set to 17V in the design), and to ensure proper operation during brownout conditions. The EN/UVLO
input is also used to turn on/off the IC. The overvoltage input (OVI) protection scheme is provided to
make sure that the controller shuts down when the input supply exceeds its maximum allowed value
(set to 36V in the design).
A capacitor is connected to the SS pin to program the soft-start period hence reduces the input inrush
current during startup. Hiccup-mode overcurrent protection and thermal shutdown are provided to
minimize dissipation in overcurrent and overtemperature fault conditions.
The reference design delivers a peak efficiency of 87% with the supplied components when the input
is 24V. This general-purpose power solution can be used in many different types of power
applications, such as programmable logic controllers (PLC), industrial process control, industrial
sensors, telecom power supplies, isolated battery chargers, servers, and embedded computing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com