Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD103 Datasheet(PDF) 1 Page - Sanken electric

Part # SSD103
Description  Surface-mount Power Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSD103 Datasheet(HTML) 1 Page - Sanken electric

  SSD103 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
95
Absolute Maximum Ratings
Electrical Characteristics
(Ta=25ºC)
(Ta=25ºC)
Symbol
Test Conditions
Ratings
Unit
ICBO
µA
VCB = 60V, IE = 0A
min
IEBO
µA
VEB = 6V, IC = 0A
VCEO
V
IC = 50mA
hFE
VCE = 1V, IC = 1A
60
VCE (sat)
V
IC = 1.5A, IB = 15mA
400
VFEC
V
IFEC = 6A
Es/b
mJ
L = 10mH
80
typ
65
0.11
800
1.25
10
max
10
70
0.15
1500
1.5
Surface-mount Power Transistor
SSD103
External Dimensions SOP8
Symbol
Ratings
Unit
VCBO
65
±5
VCEO
V
V
65
±5
VEBO
V
6
6
IC (pulse)
IC
A
10 (Pw 1mS, Duty 25%)
IB
A
10
PC
W
1.5
Tj
°C
150
Tstg
°C
–55 to +150
*1: FR4 70mm•100mm•1.6mm
(drain heatsink copper foil area 25•25mm)
0.7±
0.2
1.27±
0.25
5.0±
0.2
5.4
Max
0 to 0.1
0.42
+0.15
–0.05
0.17
+0.15
–0.05
a
b
c
d
85
14
0 to 10
°
a) Part No.
b)
Corporate mark
c) Lot No.
d)
Control No.
(Unit: mm)
01
2
5
34
■ IC— VCE Characteristics (typ.)
0
5
4
3
2
VCE (V)
1
7
6
0
0.25
0.75
0.5
0.01
0.1
1
10
■ VCE (sat)— IC Temperature Characteristics (typ.)
IC (A)
0.01
0.1
10
1
■ hFE— IC Temperature Characteristics (typ.)
50
2000
1000
500
100
01
2
3
■ ton•tstg•tf — IC Characteristics (typ.)
0.1
0.5
1
IC (A)
IC (A)
5
15
10
50
100
■ Safe Operating Area
0.5
0.1
1
5
VCE (V)
20
10
0
0.5
1.0
1.5
■ IC— VBE Temperature Characteristics (typ.)
0
6
5
4
3
2
1
VBE (V)
IB = 1mA
3mA
VCC = 12V
IB1 = –IB2 = 30mA
IC/IB = 100
(VCE = 1V)
(VCE = 1V)
Ta = –55ºC
25
ºC
75
ºC
125
ºC
Ta = 125ºC
75
ºC
25
ºC
–55
ºC
10mA
30mA
20mA
5mA
Ta = 125ºC
75
ºC
25
ºC
–55
ºC
tf
ton
tstg
natural air cooling
Without heatsink
Equivalent Circuit Diagram
5, 6, 7, 8
2, 3, 4
1
(Single pulse)
*1


Similar Part No. - SSD103

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SSD10 COOPER-SSD10 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
SSD10 COOPER-SSD10 Datasheet
77Kb / 3P
Standard fuse links size E1
logo
List of Unclassifed Man...
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
logo
SeCoS Halbleitertechnol...
SSD10N20-400D SECOS-SSD10N20-400D Datasheet
383Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSD10N20-400D DOINGTER-SSD10N20-400D Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - SSD103

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDA03 SANKEN-SDA03 Datasheet
24Kb / 1P
Surface-mount Power Transistor Array
SDA04 SANKEN-SDA04 Datasheet
23Kb / 1P
Surface-mount Power Transistor Array
SDC09 SANKEN-SDC09 Datasheet
16Kb / 1P
Surface-mount Power Transistor Array
logo
Central Semiconductor C...
CZT3150 CENTRAL-CZT3150 Datasheet
76Kb / 2P
SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3150 CENTRAL-CXT3150 Datasheet
86Kb / 2P
SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CJD47 CENTRAL-CJD47_10 Datasheet
425Kb / 2P
SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3150 CENTRAL-CXT3150_10 Datasheet
358Kb / 2P
SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CZT5338 CENTRAL-CZT5338_10 Datasheet
603Kb / 2P
SURFACE MOUNT NPN SILICON POWER TRANSISTOR
CXT3090L CENTRAL-CXT3090L_15 Datasheet
360Kb / 2P
SURFACE MOUNT NPN SILICON POWER TRANSISTOR
logo
Sanken electric
SPF0001 SANKEN-SPF0001 Datasheet
43Kb / 1P
Surface-mount Power Transistor Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com