Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3876 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3876
Description  LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3876 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3876 Datasheet HTML 8Page - National Semiconductor (TI) LM3876 Datasheet HTML 9Page - National Semiconductor (TI) LM3876 Datasheet HTML 10Page - National Semiconductor (TI) LM3876 Datasheet HTML 11Page - National Semiconductor (TI) LM3876 Datasheet HTML 12Page - National Semiconductor (TI) LM3876 Datasheet HTML 13Page - National Semiconductor (TI) LM3876 Datasheet HTML 14Page - National Semiconductor (TI) LM3876 Datasheet HTML 15Page - National Semiconductor (TI) LM3876 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application Information (Continued)
THERMAL CONSIDERATIONS
Heat Sinking
The choice of a heat sink for a high-power audio amplifier is
made entirely to keep the die temperature at a level such
that the thermal protection circuitry does not operate under
normal circumstances. The heat sink should be chosen to
dissipate the maximum IC power for a given supply voltage
and rated load.
With high-power pulses of longer duration than 100 ms, the
case temperature will heat up drastically without the use of a
heat sink. Therefore the case temperature, as measured at
the center of the package bottom, is entirely dependent on
heat sink design and the mounting of the IC to the heat sink.
For the design of a heat sink for your audio amplifier applica-
tion refer to the Determining The Correct Heat Sink sec-
tion.
Since a semiconductor manufacturer has no control over
which heat sink is used in a particular amplifier design, we
can only inform the system designer of the parameters and
the method needed in the determination of a heat sink. With
this in mind, the system designer must choose his supply
voltages, a rated load, a desired output power level, and
know the ambient temperature surrounding the device.
These parameters are in addition to knowing the maximum
junction temperature and the thermal resistance of the IC,
both of which are provided by National Semiconductor.
As a benefit to the system designer we have provided Maxi-
mum Power Dissipation vs Supply Voltages curves for vari-
ous loads in the Typical Performance Characteristics sec-
tion, giving an accurate figure for the maximum thermal
resistance required for a particular amplifier design. This
data was based on
θ
JC = 1˚C/W and θCS = 0.2˚C/W. We also
provide a section regarding heat sink determination for any
audio amplifier design where
θ
CS may be a different value. It
should be noted that the idea behind dissipating the maxi-
mum power within the IC is to provide the device with a low
resistance to convection heat transfer such as a heat sink.
Therefore, it is necessary for the system designer to be con-
servative in his heat sink calculations. As a rule, the lower
the thermal resistance of the heat sink the higher the amount
of power that may be dissipated. This is of course guided by
the cost and size requirements of the system. Convection
cooling heat sinks are available commercially, and their
manufacturers should be consulted for ratings.
Proper mounting of the IC is required to minimize the thermal
drop between the package and the heat sink. The heat sink
must also have enough metal under the package to conduct
heat from the center of the package bottom to the fins with-
out excessive temperature drop.
A thermal grease such as Wakefield type 120 or Thermalloy
Thermacote should be used when mounting the package to
the heat sink. Without this compound, thermal resistance will
be no better than 0.5˚C/W, and probably much worse. With
the compound, thermal resistance will be 0.2˚C/W or less,
assuming under 0.005 inch combined flatness runout for the
package and heat sink. Proper torquing of the mounting
bolts is important and can be determined from heat sink
manufacturer’s specification sheets.
Should it be necessary to isolate V− from the heat sink, an in-
sulating washer is required. Hard washers like beryluum ox-
ide, anodized aluminum and mica require the use of thermal
compound on both faces. Two-mil mica washers are most
common, giving about 0.4˚C/W interface resistance with the
compound.
Silicone-rubber washers are also available. A 0.5˚C/W ther-
mal resistance is claimed without thermal compound. Expe-
rience has shown that these rubber washers deteriorate and
must be replaced should the IC be dismounted.
Determining Maximum Power Dissipation
Power dissipation within the integrated circuit package is a
very important parameter requiring a thorough understand-
ing if optimum power output is to be obtained. An incorrect
maximum power dissipation (P
D) calculation may result in in-
adequate heat sinking, causing thermal shutdown circuitry to
operate and limit the output power.
The following equations can be used to acccurately calculate
the maximum and average integrated circuit power dissipa-
tion for your amplifier design, given the supply voltage, rated
load, and output power. These equations can be directly ap-
plied to the Power Dissipation vs Output Power curves in the
Typical Performance Characteristics section.
Equation (1) exemplifies the maximum power dissipation of
the IC and
Equations (2), (3) exemplify the average IC power
dissipation expressed in different forms.
P
DMAX = VCC2/2π
2R
L
(1)
where V
CC is the total supply voltage
P
DAVE = (VOpk/RL)[VCC/π −VOpk/2]
(2)
where V
CC is the total supply voltage and VOpk = VCC/π
P
DAVE = VCC VOpk/πRL −VOpk
2/2R
L
(3)
where V
CC is the total supply voltage.
Determining the Correct Heat Sink
Once the maximum IC power dissipation is known for a
given supply voltage, rated load, and the desired rated out-
put power the maximum thermal resistance (in ˚C/W) of a
heat sink can be calculated. This calculation is made using
Equation (4) and is based on the fact that thermal heat flow
parameters are analogous to electrical current flow proper-
ties.
It is also known that typically the thermal resistance,
θ
JC
(junction to case), of the LM3876 is 1˚C/W and that using
Thermalloy Thermacote thermal compound provides a ther-
mal resistance,
θ
CS (case to heat sink), of about 0.2˚C/W as
explained in the Heat Sinking section.
Referring to the figure below, it is seen that the thermal resis-
tance from the die (junction) to the outside air (ambient) is a
combination of three thermal resistances, two of which are
known,
θ
JC and θCS. Since convection heat flow (power dis-
sipation) is analogous to current flow, thermal resistance is
analogous to electrical resistance, and temperature drops
are analogous to voltage drops, the power dissipation out of
the LM3876 is equal to the following:
P
DMAX = (TJmax −TAmb)/θJA
where
θ
JA = θJC + θCS + θSA
DS011832-12
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com