Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DIP20
Description  Thermal Data
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP20 Datasheet(HTML) 1 Page - STMicroelectronics

  DIP20 Datasheet HTML 1Page - STMicroelectronics DIP20 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal Data
DIP 20
item #
material
thickness
thermal
conductivity
leadframe
copper
0.25 mm
2.61 W/cm°C
die attach
epoxy glue
( silver glue )
10-40 µm
0.01 W/cm°C
molding
compound
epoxy resin
3 mm
0.0063W/cm°C
PACKAGE MATERIAL LIST
Typical assembly configuration before molding :
Charts enclosed :
1) Rth(j-a) vs power dissipation
2) Zth(j-a) vs time width and die size
February 1998
1/2
20 leads
®


Similar Part No. - DIP20

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DIP20-06-HPZ SENSATA-DIP20-06-HPZ Datasheet
90Kb / 2P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
DIP20-06-HPZ SENSATA-DIP20-06-HPZ Datasheet
85Kb / 1P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
Rev. 04/01/2024
DIP20-09-HPZ SENSATA-DIP20-09-HPZ Datasheet
90Kb / 2P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
DIP20-09-HPZ SENSATA-DIP20-09-HPZ Datasheet
85Kb / 1P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
Rev. 04/01/2024
DIP20-19-HPZ SENSATA-DIP20-19-HPZ Datasheet
90Kb / 2P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
More results

Similar Description - DIP20

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
Thermal Cutoff (Thermal Fuse)
logo
Texas Instruments
UC1730 TI-UC1730 Datasheet
284Kb / 5P
Thermal Monitor
logo
STMicroelectronics
DIP40 STMICROELECTRONICS-DIP40 Datasheet
29Kb / 2P
Thermal Data
Sep-1999
DIP24 STMICROELECTRONICS-DIP24 Datasheet
31Kb / 2P
Thermal Data
Feb-1998
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
AMD Athlon 64 Processor Power and Thermal Data Sheet
logo
STMicroelectronics
SDIP30 STMICROELECTRONICS-SDIP30 Datasheet
36Kb / 2P
SDIP30 Thermal Data
Sep-1999
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP_06 Datasheet
738Kb / 95P
AMD Athlon??64 Processor Power and Thermal Data Sheet
logo
KOA Speer Electronics, ...
ST3000 KOA-ST3000 Datasheet
115Kb / 4P
thermal sensors
logo
Panasonic Semiconductor
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
Thermal Cutoffs (TCO)/ Thermal-Links
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com