Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD243 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD243
Description  Complementary Silicon Plastic Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD243 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD243 Datasheet HTML 1Page - ON Semiconductor MJD243 Datasheet HTML 2Page - ON Semiconductor MJD243 Datasheet HTML 3Page - ON Semiconductor MJD243 Datasheet HTML 4Page - ON Semiconductor MJD243 Datasheet HTML 5Page - ON Semiconductor MJD243 Datasheet HTML 6Page - ON Semiconductor MJD243 Datasheet HTML 7Page - ON Semiconductor MJD243 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJD243 (NPN), MJD253 (PNP)
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance
Junction−to−Case
Junction−to−Ambient (Note 2)
RqJC
RqJA
10
89.3
°C/W
2. When surface mounted on minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 10 mAdc, IB = 0)
VCEO(sus)
100
−
Vdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
(VCB = 100 Vdc, IE = 0, TJ = 125°C)
ICBO
−
−
100
100
nAdc
mAdc
Emitter Cutoff Current
(VBE = 7.0 Vdc, IC = 0)
IEBO
−
100
nAdc
DC Current Gain (Note 3)
(IC = 200 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
hFE
40
15
180
−
−
Collector−Emitter Saturation Voltage (Note 3)
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
−
−
0.3
0.6
Vdc
Base−Emitter Saturation Voltage (Note 3)
(IC = 2.0 Adc, IB = 200 mAdc)
VBE(sat)
−
1.8
Vdc
Base−Emitter On Voltage (Note 3)
(IC = 500 mAdc, VCE = 1.0 Vdc)
VBE(on)
−
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 4)
(IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
40
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
−
50
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle [ 2%.
4. fT = ⎪hFE⎪• ftest.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com