Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3886 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3886
Description  Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3886 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3886 Datasheet HTML 8Page - National Semiconductor (TI) LM3886 Datasheet HTML 9Page - National Semiconductor (TI) LM3886 Datasheet HTML 10Page - National Semiconductor (TI) LM3886 Datasheet HTML 11Page - National Semiconductor (TI) LM3886 Datasheet HTML 12Page - National Semiconductor (TI) LM3886 Datasheet HTML 13Page - National Semiconductor (TI) LM3886 Datasheet HTML 14Page - National Semiconductor (TI) LM3886 Datasheet HTML 15Page - National Semiconductor (TI) LM3886 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Typical Performance Characteristics (Continued)
Application Information
GENERAL FEATURES
Mute Function: The muting function of the LM3886 allows
the user to mute the music going into the amplifier by draw-
ing less than 0.5 mA out of pin 8 of the device. This is accom-
plished as shown in the Typical Application Circuit where the
resistor R
M is chosen with reference to your negative supply
voltage and is used in conjuction with a switch. The switch
(when opened) cuts off the current flow from pin 8 to V
−, thus
placing the LM3886 into mute mode. Refer to the Mute At-
tenuation vs Mute Current curves in the Typical Perfor-
mance Characteristics section for values of attenuation per
current out of pin 8. The resistance R
M is calculated by the
following equation:
R
M (|VEE| − 2.6V)/I8
where I8
≥ 0.5 mA.
Under-Voltage Protection: Upon system power-up the
under-voltage protection circuitry allows the power supplies
and their corresponding caps to come up close to their full
values before turning on the LM3886 such that no DC output
spikes occur. Upon turn-off, the output of the LM3886 is
brought to ground before the power supplies such that no
transients occur at power-down.
IMD 60 Hz, 1:1
DS011833-53
IMD 60 Hz, 7 kHz 1:1
DS011833-54
IMD 60 Hz, 7 kHz, 1:1
DS011833-55
Mute Attenuation vs
Mute Current
DS011833-56
Mute Attenuation vs
Mute Current
DS011833-57
Large Signal Response
DS011833-58
Power Supply
Rejection Ratio
DS011833-59
Common-Mode
Rejection Ratio
DS011833-60
Open Loop
Frequency Response
DS011833-61
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com