Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1812G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1812G-XX-AF5-R
Description  Low Dropout Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1812G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1812G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1812G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1812G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1812G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1812G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1812G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1812
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R102-079.a
1.0A FAST ULTRA LOW
DROPOUT LINEAR
REGULATOR WITH REVERSE
CURRENT PROTECTION
DESCRIPTION
The UTC LR1812 operate from a +1.5V ~ +6V input supply as
fast ultra low-dropout linear regulators. Wide output voltage range
options are available. The fast response characteristic to make
UTC LR1812 suitable for low voltage microprocessor application.
The low quiescent current operation and low dropout quality
caused by the CMOS process.
The UTC LR1812 has low dropout voltage. The ground pin
current is typically 60uA.
Output Voltage Precision: Multiple output voltage options are
available and ranging from 1.2V ~ 5.0V at room temperature with a
guaranteed accuracy of ±1.5%, and ±3.0% when varying line and
load.
With the reverse current protection function of a driver
transistor, the reverse current flow is prohibited when VOUT
voltage is higher than VIN voltage. For an example, when a battery
is connected to the VOUT pin, battery current will not flow back to
the UTC LR1812
The output voltage types of UTC LR1812-xx are fixed one in
the IC.
FEATURES
* Low Dropout Voltage
* The Guaranteed Output Current is 1A DC
* Output Voltage Accuracy ± 1.5%
* Over temperature Protection And Over current Protection
* Reverse Current Protection
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1812G-xx-AF5-R
SOT-25
Tape Ree
LR1812G-xx-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1812G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1812G-12-AF5-R UTC-LR1812G-12-AF5-R Datasheet
243Kb / 6P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812G-12-SH2-R UTC-LR1812G-12-SH2-R Datasheet
243Kb / 6P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812G-15-AF5-R UTC-LR1812G-15-AF5-R Datasheet
243Kb / 6P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812G-15-SH2-R UTC-LR1812G-15-SH2-R Datasheet
243Kb / 6P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812G-18-AF5-R UTC-LR1812G-18-AF5-R Datasheet
243Kb / 6P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR1812G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6218 LRC-LR6218_15 Datasheet
474Kb / 7P
Low Dropout Voltage
LR6219 LRC-LR6219_15 Datasheet
386Kb / 6P
Low Dropout Voltage
LR6260 LRC-LR6260_15 Datasheet
425Kb / 8P
Low Dropout Voltage
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
logo
Richtek Technology Corp...
RT9070B RICHTEK-RT9070B Datasheet
628Kb / 12P
Low Dropout Voltage
RT9072A RICHTEK-RT9072A Datasheet
676Kb / 13P
Low Dropout Voltage
logo
Unisonic Technologies
LR1811G-XX-SH2-R UTC-LR1811G-XX-SH2-R Datasheet
218Kb / 6P
Low Dropout Voltage
logo
Hotchip Technology Co.,...
AMS1117 HOTCHIP-AMS1117 Datasheet
879Kb / 9P
Low Dropout Voltage
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com