Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2965G-XX-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR2965G-XX-SH2-R
Description  Compatible with MLCC Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2965G-XX-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR2965G-XX-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR2965G-XX-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR2965G-XX-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR2965G-XX-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR2965G-XX-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR2965
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-061.a
1.5A, LOW DROPOUT
REGULATOR WITH POWER
GOOD
DESCRIPTION
The UTC LR2965 is CMOS-based positive voltage and a very
low dropout regulator IC that minimum input voltage is 2.5V and is
capable of delivering the continuous output load current up to 1.5A.
It has features of low dropout (maximum 300mV at 1A), a very
low quiescent current (typically 300uA at 0.1A) and very high
PSRR up to 86dB at 1A load current.
The output voltage can be set from 0.5V to (VIN - VD) with an
external resistor divider and it has ±2% accuracy through all
temperature ranges include the line as well as load variations. It is
allowed to use a small 4.7μF MLCC input and output capacitor to
deliver the current with the stable operation.
Built-in Soft-Start function reduces the inrush current and the
other features are include over current protection (OCP),
short-circuit protection (SCP), and thermal shut down protection
(TSD).
FEATURES
* Input Voltage Range: 2.5V~6.0V
* Supply Current : (Typ.) 300uA
* Current limit : (Min.) 1.8A
* Adjustable Output from 0.5V
* LR2965: Typ 0.4V Dropout @ IOUT=1.5A
* Compatible with MLCC Capacitors
* Built-in Soft-Start Limits Inrush Current
* Built-in Thermal Shutdown Protection
* Built-in Over Current & Short Circuit Protection
ORDERING INFORMATION
Ordering Number
Package
Packing
LR2965G-xx-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR2965G-XX-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR2965G-25-SH2-R UTC-LR2965G-25-SH2-R Datasheet
176Kb / 5P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
LR2965G-AD-SH2-R UTC-LR2965G-AD-SH2-R Datasheet
176Kb / 5P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
More results

Similar Description - LR2965G-XX-SH2-R

ManufacturerPart #DatasheetDescription
logo
HolyStone International
SMC HOLYSTONECAPS-SMC Datasheet
237Kb / 3P
Stacked MLCC Capacitors
logo
AVX Corporation
0603YC104J4Z2A AVX-0603YC104J4Z2A Datasheet
199Kb / 5P
MLCC with FLEXITERM짰
0603YC104JAZ2A AVX-0603YC104JAZ2A Datasheet
199Kb / 5P
MLCC with FLEXITERM짰
0603YC333J4Z2A AVX-0603YC333J4Z2A Datasheet
199Kb / 5P
MLCC with FLEXITERM짰
0603YC683KAZ2A AVX-0603YC683KAZ2A Datasheet
199Kb / 5P
MLCC with FLEXITERM짰
0603YC821JAZ2A AVX-0603YC821JAZ2A Datasheet
199Kb / 5P
MLCC with FLEXITERM짰
12103C106K4Z2A AVX-12103C106K4Z2A Datasheet
199Kb / 5P
MLCC with FLEXITERM짰
08053C105K4Z2A AVX-08053C105K4Z2A Datasheet
199Kb / 5P
MLCC with FLEXITERM짰
12101C105K4Z2A AVX-12101C105K4Z2A Datasheet
199Kb / 5P
MLCC with FLEXITERM짰
logo
List of Unclassifed Man...
DLP-7970ABP ETC2-DLP-7970ABP Datasheet
60Kb / 2P
Compatible with NFCLink Library, Compatible with MSP430G2x LaunchPad
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com