Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9107XG-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9107XG-XX-AF5-R
Description  OUTPUT CAPACITOR-LESS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9107XG-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9107XG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9107XG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9107XG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9107XG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9107XG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9107
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R102-080 .a
OUTPUT CAPACITOR-LESS
LOW VOLTAGE 200mA LDO
REGULATOR
DESCRIPTION
The UTC LR9107 is a CMOS-based low dropout regulator with
high output voltage accuracy, low dropout, high PSRR and low
quiescent current.
The UTC LR9107 includes a voltage reference unit, an error
amplifier, current limit circuit, resistors for setting output voltage,
and a chip enable circuit. With its low power consumption, excellent
line and load transient response, the UTC LR9107 is well suited for
low power handheld communication equipment.
Since the output capacitor and noise bypass capacitor are able
to be reduced, high density mounting on boards are possible.
FEATURES
* Quiescent current: Typ. 9.5µA
* Low VIN and wide VIN range: 1.4V~5.25V
* Guarantee output current: 200mA
* VOUT accuracy: ±1%
* Ripple Rejection: Typ. 70dB (f=1kHz,VOUT≤1.2V)
Typ. 65dB (f=1kHz, 1.2V<VOUT<2.2V)
Typ. 60dB (f=1kHz, VOUT≥2.2V)
* Temperature-drift coefficient of output voltage: Typ. ±100ppm/°C
* Low output noise: 60uVrms (10Hz~100kHz)
* Quiescent current: 35µA
ORDERING INFORMATION
Ordering Number
Package
Packing
LR9107xG-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR9107XG-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
LR9107BG-18-AF5-R UTC-LR9107BG-18-AF5-R Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
LR9107BG-28-AF5-R UTC-LR9107BG-28-AF5-R Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
LR9107BL-18-AF5-R UTC-LR9107BL-18-AF5-R Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
LR9107BL-28-AF5-R UTC-LR9107BL-28-AF5-R Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results

Similar Description - LR9107XG-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
Asahi Kasei Microsystem...
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
Output Coupling Capacitor-less Video Amp with LPF
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
Output Capacitor-less Video Drivers
logo
Asahi Kasei Microsystem...
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
Output Coupling Capacitor-less Video Amp with LPF
logo
Rohm
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
Output Capacitor-less Video Drivers
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Rohm
BD8876FV ROHM-BD8876FV Datasheet
1Mb / 24P
Output Coupling Capacitor-less Line Amplifier
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com