Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9103G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9103G-XX-AF5-R
Description  Ultra Supply Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9103G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9103G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9103G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9103G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9103G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9103G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9103
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R102-062.e
LOW NOISE 150mA LDO
REGULATOR
DESCRIPTION
The UTC LR9103 is a typical LDO (linear regulator) with the
features of high output voltage accuracy, low supply current, low
ON-resistance, and high ripple rejection.
During operation of the UTC LR9103, the dropout voltage is
very low and the response of line transient and load transient are
very well.
Internally, there’re many functions of UTC LR9103 which can
be seen in the block figure. There are a voltage reference unit, an
error amplifier, resistor-net for voltage setting, a current limit circuit,
and a chip enable circuit in each UTC LR9103.
The UTC LR9103 can be used as an ideal of the power supply
for hand-held communication equipment, such as: power source for
portable communication equipment, power source for electrical
appliances, for example, cameras, VCRs and camcorders and
power source for battery-powered equipment.
FEATURES
* Ultra Supply Current:
36µA (Typ.)
* Standby Mode:
0.1µA (Typ.)
* Very Low Dropout Voltage:
0.13V (Typ.) @ IOUT =150mA, VOUT =2.85V
* Ripple Rejection:
75dB (Typ.) @ f=1kHz,VOUT=2.85V
* Temperature-Drift Coefficient
of Output Voltage:
±50ppm/°C (Typ.)
* Well Line Regulation:
0.02%/ V (Typ.)
*Output Voltage Accuracy:
±1.0%
* Internal Fold Back Protection Circuit: 50mA (Typ.) (Current at short mode)
*CIN=COUT=0.47µF or more (Ceramic capacitors) are recommended to be used with this IC
ORDERING INFORMATION
Ordering Number
Package
Packing
LR9103G-xx-AE5-R
SOT-23-5
Tape Reel
LR9103G-xx-AF5-R
SOT-25
Tape Reel
LR9103G-xx-K04-1010-R
DFN-4(1.0×1.0)
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
(1) R: Tape Reel
(2) AE5: SOT-23-5, AF5: SOT-25,
K04-1010: DFN-4(1.0×1.0)
(3) xx: refer to Marking Information
(4) G: Halogen Free and Lead Free
LR9103G-xx-AE5-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(4)Green Package


Similar Part No. - LR9103G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9103G-11-AE5-R UTC-LR9103G-11-AE5-R Datasheet
233Kb / 5P
LOW NOISE 150mA LDO REGULATOR
LR9103G-11-AF5-R UTC-LR9103G-11-AF5-R Datasheet
233Kb / 5P
LOW NOISE 150mA LDO REGULATOR
LR9103G-11-AL4-R UTC-LR9103G-11-AL4-R Datasheet
233Kb / 5P
LOW NOISE 150mA LDO REGULATOR
LR9103G-12-AE5-R UTC-LR9103G-12-AE5-R Datasheet
233Kb / 5P
LOW NOISE 150mA LDO REGULATOR
LR9103G-12-AF5-R UTC-LR9103G-12-AF5-R Datasheet
233Kb / 5P
LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - LR9103G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Texas Instruments
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
logo
ON Semiconductor
CAT8801 ONSEMI-CAT8801 Datasheet
115Kb / 7P
200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
May, 2010 ??Rev. 4
logo
Texas Instruments
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
logo
Abracon Corporation
AB08X5-RTC ABRACON-AB08X5-RTC Datasheet
627Kb / 33P
Ultra-low supply current
Revision: C
logo
Toshiba Semiconductor
TC75S102F TOSHIBA-TC75S102F Datasheet
275Kb / 7P
Single Operational Amplifier Ultra-Low supply current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com