Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF5 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF5
Description  5mm Pitch Miniature Potting Connectors for Secondary Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF5 Datasheet(HTML) 5 Page - Hirose Electric

  DF5 Datasheet HTML 1Page - Hirose Electric DF5 Datasheet HTML 2Page - Hirose Electric DF5 Datasheet HTML 3Page - Hirose Electric DF5 Datasheet HTML 4Page - Hirose Electric DF5 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
B127
DF5 Series
●5mm Pitch Miniature Potting Connectors for Secondary Power Supply
BSocket Crimping Contact
Type
Item
Part No.
HRS No.
Applicable Contact
Press unit
CM-105C
901-0001-0
------------------------------
Auto-
AP105-DF5-1822S
901-4542-5
DF5-1822SCF
matic
Applicator
AP105-DF5A-1822S
901-4546-6
DF5A-1822SCF
DF5-1822/CR-HT
550-0264-0
DF5-1822SC
Manual
Manual crimping tool
DF5A-1822/CR-HT
550-0265-2
DF5A-1822SC
-----
Extraction tool
RP13-PC-TP
150-0021-5
DF5/DF5A-1822SCF
Note 1 : If any trouble has been caused due to other tools, which are not designated by Hirose, Hirose won't guarantees any product.
Note 2 :
For the crimping process, refer to "crimping quality standards" and "crimping condition".
Part No.
DF5-1822SCF
DF5-1822SC
DF5A-1822SCF
DF5A-1822SC
676-0001-1
676-0002-4
676-0003-7
676-0004-0
Ø1.5 to 2.2mm
Ø2.1mm
Ø1.8mm
Ø1.6mm
Ø2.2 to 3.2mm
Ø2.9mm
Ø2.6mm
Ø2.4mm
1007
1007
1015
1015
18 AWG
20 AWG
22 AWG
18 AWG
20 AWG
22 AWG
18 AWG
20 AWG
22 AWG
18 AWG
20 AWG
22 AWG
43/0.18mm
21/0.18mm
17/0.16mm
43/0.18mm
21/0.18mm
17/0.16mm
43/0.18mm
21/0.18mm
17/0.16mm
43/0.18mm
21/0.18mm
17/0.16mm
5,000 / reel
100 / pack
5,000 / reel
100 / pack
2.8
3.8
3
4
Yes
Applicable Cable
Jacket Diameter
ULStyle
Wire Size
Stranded Wire Conductor
HRS No.
Packaging
J
K
RoHS
Note 1 : Applicable wire with tin plated solid soft conductor.
Note 2 : When using other than the recommended wire, contact your nearest Hirose representative.
Note 3 : Strip length : 3.0 to 4.0mm
BApplicable Crimping Tools
BPrecautions
1. Recommended soldering
Flow : 260ç for 10 seconds
condition
Manual soldering : 350ç for 3 seconds
2. Cleaning condition
Refer to the "Wire-to-Board Connector Use Hand book"
3. Connecting condition
Refer to the "Wire-to-Board Connector Use Hand book"
4. Cautions
■The color phase of this product may be slightly differ from that of the formed product according to the
manufacturing lot, and consequent storage condition, however, the difference affects no performance.
5. Precautions
Refer to the "Wire-to-Board Connector Use Hand book"
BApplication Pattern



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com