Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF0778B Datasheet(PDF) 2 Page - CUI INC

Part # GF0778B
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

GF0778B Datasheet(HTML) 2 Page - CUI INC

  GF0778B Datasheet HTML 1Page - CUI INC GF0778B Datasheet HTML 2Page - CUI INC GF0778B Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: GF0778B │ DESCRIPTION: SPEAKER
date
10/02/2013 │ page 2 of 3
2.402
0.5
0.110
2.80
0.1 (4 PLCS)
0.197
5.0
61.0 2.402
61.0
4.45 0.175
(-)
(+)
3.0 0.118
68.5 2.697
45.0 1.772
3.031
77.0
17.0 0.669
0.5
30.5 1.201
1
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
For more information, please visit the product page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com