Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF14 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF14
Description  1.25mm Pitch Super Low profile Crimping Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14 Datasheet(HTML) 3 Page - Hirose Electric

  DF14 Datasheet HTML 1Page - Hirose Electric DF14 Datasheet HTML 2Page - Hirose Electric DF14 Datasheet HTML 3Page - Hirose Electric DF14 Datasheet HTML 4Page - Hirose Electric DF14 Datasheet HTML 5Page - Hirose Electric DF14 Datasheet HTML 6Page - Hirose Electric DF14 Datasheet HTML 7Page - Hirose Electric DF14 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
B236
DF14 Seriesq1.25mm Pitch Super Low profile Crimping Connector
sCrimping Socket
KApplicable Cable (Tin plating Annealed copper wire)
Conductor Size (Wire construction)
Jacket Diameter
AWG26(7 cores/0.16mm)
AWG28(7 cores/0.127mm)
Ø0.54
to Ø1mm
AWG30(7 cores/0.1mm)
AWG32(7 cores/0.08mm)
KRecommended Cable
UL1571
KStrip Length
1.2 to 1.9mm
BApplicable Crimping Tool
Note:If other cables are used instead of the applicable cable, contact Hirose
sales department.
Type
Part Number
CL No.
Applicable Contact
Applicator
AP105-DF14-2628S
901-4548-1
DF14-2628SCF/SCFA
AP105-DF14-3032S
901-4544-0
DF14-3032SCF/SCFA
Press Main Unit
CM-105
901-0005-4
---------------------------------------------
Manual Crimping Tool
DF14-2628/CR-HT
550-0261-1
DF14-2628SCF/SCFA
DF14-3032/CR-HT
550-0262-4
DF14-3032SCF/SCFA
Note 1.If a trouble has occurred due to tools, which are not designated by Hirose, Hirose won't guarantee any product.
Note 2.Use the reel contact sequentially cut for manual crimping tool.
Part Number
CL No.
Packaging Type
Quantity
Finish
RoHS
DF14-2628SCF
538-0001-7-**
Reel
Tin plated
DF14-3032SCF
538-0003-2-**
Reel
10,000
Yes
DF14-2628SCFA
538-0002-0-**
Reel
Gold plated
DF14-3032SCFA
538-0004-5-**
Reel
sSocket Crimping Contact
Note 1.The quantity is delivered per bag(100 pcs). If needed, please order the products per bag.
Part Number
CL No.
Number of Contacts
A
B
RoHS
DF14- 2S-1.25C
538-0005-8
2
4.45
1.25
DF14- 3S-1.25C
538-0006-0
3
5.70
2.50
DF14- 4S-1.25C
538-0007-3
4
6.95
3.75
DF14- 5S-1.25C
538-0008-6
5
8.20
5.00
DF14- 6S-1.25C
538-0009-9
6
9.45
6.25
DF14- 7S-1.25C
538-0010-8
7
10.70
7.50
DF14- 8S-1.25C
538-0011-0
8
11.95
8.75
Yes
DF14- 9S-1.25C
538-0013-6
9
13.20
10.00
DF14-10S-1.25C
538-0014-9
10
14.45
11.25
DF14-15S-1.25C
538-0054-3
15
20.70
17.50
DF14-20S-1.25C
538-0059-7
20
26.95
23.75
DF14-25S-1.25C
538-0064-7
25
33.20
30.00
DF14-30S-1.25C
538-0012-3
30
39.45
36.25
Unit: mm
Photo: Contact insertion state
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com