Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M223X0002 Datasheet(PDF) 1 Page - CUI INC

Part # M223X0002
Description  M223 WITH AMT103 KIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

M223X0002 Datasheet(HTML) 1 Page - CUI INC

  M223X0002 Datasheet HTML 1Page - CUI INC M223X0002 Datasheet HTML 2Page - CUI INC M223X0002 Datasheet HTML 3Page - CUI INC M223X0002 Datasheet HTML 4Page - CUI INC M223X0002 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date
page
09/2009
1 of 5
SERIES:
DESCRIPTION: M223 with AMT103 kit
M223X000X
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT SPECIFICATIONS
output phase difference
90° ±45°
frequency response
0 ~ 250 kHz
output current
0 ~ 5 mA max.
output waveform
square wave
output signals
A, B, Z phase
current consumption
6 mA typ., 10 mA max.
supply voltage
3.6 ~ 5.5 V dc
output resolution (ppr)1
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500, 512, 800, 1000, 1024, 2048
time constant
0.2 ms (at 48, 96, 100, 125, 200, 250, 256, 512 ppr)
0.4 ms (at 192, 384, 400, 500, 800, 1000, 1024, 2048 ppr)
accuracy
±15 arcmin (at 192, 384, 400, 500, 800, 1000, 1024, 2048 ppr)
±30 arcmin (at 96, 200, 250, 512 ppr)
±60 arcmin (at 48, 100, 125, 256 ppr)
max. rotational speed
7500 rpm (at 384, 800, 1000, 2048 ppr)
15000 rpm (at 192, 400, 500, 1024 ppr)
30000 rpm (at 48, 96, 100, 125, 200, 250, 256, 512 ppr)
operating temp.
-40° ~ 100°C
mounting hole options
A) 2 each M1.6 holes on 16 mm (0.63”) bolt circle
B) 2 each #4 holes on 19.05 mm (0.75”) bolt circle
C) 2 each M1.6 or M2 holes on 20 mm (0.787”) bolt circle
D) 3 each M1.6 or M2 holes on 20.9 mm (0.823”) bolt circle
E) 3 each M1.6 or M2 holes on 22 mm (0.866”) bolt circle
F) 4 each M1.6 or M2 holes on 25.4 mm (1”) bolt circle
note:
1. All resolutions stated are before quadrature decoding (example: 1000 ppr x 4 = 4000 counts)
2. Some stepper motors may leak a magnetic field causing the AMT index pulse to not function properly.
0 = On, 1 = Off
Resolution (PPR)
Maximum RPM
4
3
2
1
2048
7500
1
1
1
1
1000
7500
1
1
1
0
800
7500
1
1
0
1
384
7500
1
1
0
0
1024
15000
1
0
1
1
500
15000
1
0
1
0
400
15000
1
0
0
1
192
15000
1
0
0
0
512
30000
0
1
1
1
250
30000
0
1
1
0
200
30000
0
1
0
1
96
30000
0
1
0
0
256
30000
0
0
1
1
125
30000
0
0
1
0
100
30000
0
0
0
1
48
30000
0
0
0
0
ON
4
3
2
1
0
(on)
(off)
1
Example setting: 500
DIP switch:
DIP SWITCH SETTINGS
(located on back of encoder)
For more information, please visit the product page.


Similar Part No. - M223X0002

ManufacturerPart #DatasheetDescription
logo
CUI INC
M223X0002 CUI-M223X0002 Datasheet
260Kb / 5P
M22 3 with AMT1 03 kit
More results

Similar Description - M223X0002

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD7760-000-00703Z WINCHESTER-SD7760-000-00703Z Datasheet
117Kb / 1P
KIT - CONTACT WITH CARTRIDGE
7760-000-00703Z WINCHESTER-7760-000-00703Z Datasheet
117Kb / 1P
KIT - CONTACT WITH CARTRIDGE
logo
Extech Instruments Corp...
TK430-IR EXTECH-TK430-IR Datasheet
586Kb / 1P
Industrial Troubleshooting Kit with IR
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F769IDISCOVERY STMICROELECTRONICS-32F769IDISCOVERY Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
UM2032 STMICROELECTRONICS-UM2032 Datasheet
1Mb / 48P
Discovery kit with STM32F412ZG MCU
08-Nov-2016
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
STM32H735G-DK STMICROELECTRONICS-STM32H735G-DK Datasheet
3Mb / 6P
Discovery kit with STM32H735IG MCU
Rev 1 - April 2020
STM32F7508-DK STMICROELECTRONICS-STM32F7508-DK Datasheet
332Kb / 5P
Discovery kit with STM32F750N8 MCU
17-Mar-2020
STM32L562E-DK STMICROELECTRONICS-STM32L562E-DK Datasheet
497Kb / 6P
Discovery kit with STM32L562QE MCU
March 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com