Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM31 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM31
Description  Encapsulated Current Sense Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM31 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM31 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM31 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM31 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6-76
Model HM31 Series
FIGURE 2 (Inch/mm)
FIGURE 3 (Inch/mm)
.67
17
Max.
.80
20
Max.
.65
16.5
Min.
.180
4.57
Min.
Dia.
.250
6.35
.50
±.010
12.76
±0.25
.375
9.53
Max.
.030
±.002
0.76
±0.05
Solderable
Flexible Pin
Typical
Dia.
(1)
(2)
(3)
.70
18 Max.
.90
23
Max.
.70
18
Max.
.20
5.08 Min.
.70
±.010
17.78
±0.25
.50
±.010
12.76
±0.25
(1)
(2)
(3)
(4)
(5)
.051
±.003
1.30
±0.08
Dia.
Dia.
Leads 1 & 2:
Leads 3, 4 & 5
.030
±.002
0.76
±0.05
FIGURE 1 (Inch/mm)
.80
20
.80
20
Max.
Max.
.030
±.002
0.76
±0.05
Dia.
Solderable
Pin, Typical
.50
±.010
12.76
±0.25
.14
1.6
.60
15
Max.
.54
13.7
Max.
.475
±.010
12.07
±0.25
.90
23
.400
±.010
10.16
±0.25
(1)
(2)
(4)
(3)
Max.
Bottom View
FIGURE 2A LOW COST (Inch/mm)
.69
17.5
Max.
.866
22
Max.
.157
±.04
4
±1.0
.195
5.0
Min.
Dia.
.250
6.35
.50
±.010
12.76
±0.25
.378
9.6
Max.
(1)
(2)
(3)
Dia.
.031
0.8
Solderable
Rigid Pin
Typical



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com