Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF58 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF58
Description  Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF58 Datasheet(HTML) 3 Page - Hirose Electric

  DF58 Datasheet HTML 1Page - Hirose Electric DF58 Datasheet HTML 2Page - Hirose Electric DF58 Datasheet HTML 3Page - Hirose Electric DF58 Datasheet HTML 4Page - Hirose Electric DF58 Datasheet HTML 5Page - Hirose Electric DF58 Datasheet HTML 6Page - Hirose Electric DF58 Datasheet HTML 7Page - Hirose Electric DF58 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DF58 Series●Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
■Header (SMT)
Recommended PCB layout
Unit
:mm
Part No.
HRS No.
No. of contacts
A
B
C
D
DF58-2P-1.2V(21)
666-1001-0 21
2
4.5
3.6
1.2
2.5
DF58-3P-1.2V(21)
666-1002-0 21
3
5.7
4.8
2.4
3.7
DF58-4P-1.2V(21)
666-1003-0 21
4
6.9
6.0
3.6
4.9
DF58-6P-1.2V(21)
666-1005-0 21
6
9.3
8.4
6.0
7.3
Note 1 : Embossed tape reel packaging (6,000pcs/reel).
Note 2 : The crossed-hatched area is a no conductive trace area.
CAV No.
HRS mark
Vacuum area
Contact No.1
P=1.2
C
0.95
D
A
B
2
Dmin
0.85
+0.05
0
0.6
+0.05
0
P=1.2±0.05
1±0.05
C±0.05
[Specification number]
(21) : Tin plated, Embossed tape
packaging (6,000pcs/reel)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com