Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF58-2830SCF Datasheet(PDF) 4 Page - Hirose Electric

Part # DF58-2830SCF
Description  Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF58-2830SCF Datasheet(HTML) 4 Page - Hirose Electric

  DF58-2830SCF Datasheet HTML 1Page - Hirose Electric DF58-2830SCF Datasheet HTML 2Page - Hirose Electric DF58-2830SCF Datasheet HTML 3Page - Hirose Electric DF58-2830SCF Datasheet HTML 4Page - Hirose Electric DF58-2830SCF Datasheet HTML 5Page - Hirose Electric DF58-2830SCF Datasheet HTML 6Page - Hirose Electric DF58-2830SCF Datasheet HTML 7Page - Hirose Electric DF58-2830SCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF58 Series●Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
Product label
Ø1.
5 sprocket
hole far side
G-G
F
F
G
G
F-F
Extraction Direction
DMAX
E
+0.2
0
Ø1.5
+
0.1
 
0
8±0.1
2±0.1
4±0.1
Ø13±0.2
●Packaging Specification
●Reel Shape
Unit
:mm
Part No.
A
B
C
D
E
DF58-2P-1.2V(21)
16
14.25
7.5
22.4
16.4
DF58-3P-1.2V(21)
DF58-4P-1.2V(21)
24
22.25
11.5
30.4
24.4
DF58-6P-1.2V(21)
Crimp socket
Unit
:mm
Part No.
HRS No.
No. of contacts
A
B
C
D
DF58-2S-1.2C
666-1006-0 00
2
4.6
2.6
3.21
1.2
DF58-3S-1.2C
666-1007-0 00
3
5.8
3.8
4.41
2.4
DF58-4S-1.2C
666-1008-0 00
4
7.0
5.0
5.61
3.6
DF58-6S-1.2C
666-1010-0 00
6
9.4
7.4
8.01
6.0
Note 1 : Please order by number of packing (1,000pcs/packing).
CAV No.
HRS mark
Contact
No.1 mark
C
B
A
0.975
P=1.2
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com