Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT305/DF65-2428S Datasheet(PDF) 3 Page - Hirose Electric

Part # HT305/DF65-2428S
Description  Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT305/DF65-2428S Datasheet(HTML) 3 Page - Hirose Electric

  HT305/DF65-2428S Datasheet HTML 1Page - Hirose Electric HT305/DF65-2428S Datasheet HTML 2Page - Hirose Electric HT305/DF65-2428S Datasheet HTML 3Page - Hirose Electric HT305/DF65-2428S Datasheet HTML 4Page - Hirose Electric HT305/DF65-2428S Datasheet HTML 5Page - Hirose Electric HT305/DF65-2428S Datasheet HTML 6Page - Hirose Electric HT305/DF65-2428S Datasheet HTML 7Page - Hirose Electric HT305/DF65-2428S Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DF61Y Series●Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
■Straight pin header (SMT)
●Tape and Reel Dimensions
●Recommended PCB layout (t=1mm)
Part No.
HRS No.
No. of Contacts
Color
[Specification Number]**
DF61Y-2P-2.2V
(23)
666-5100-3 23
2
Natural
(23) : Tin plated, embossed packaging
Note 1 : This product is sold per reel with 3,000 connectors pcs/reel. Please order by reel quantities.
If the area
contains a pattern and used at the rated voltage of 350V, the creepage distance could be insufficient.
2
4.3±0.05
4.5±0.05
1.15 +0.1
0
1.35 +0.1
0
2
0.2
5.1
3.21
5.1
2.2
Vacuum area
Contact No.2
Contact No.1
Cavity
No.
HRS mark
A
8±0.1
2±0.1
4±0.1
Unreeling direction
Unreeling direction
Ø
1.
5
sprocket
hole far side
Product Label
24.4
+2
0
30.4MAX
Ø13±
0.2
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com