Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM390 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM390
Description  LM390 1W Battery Operated Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM390 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM390 Datasheet HTML 1Page - National Semiconductor (TI) LM390 Datasheet HTML 2Page - National Semiconductor (TI) LM390 Datasheet HTML 3Page - National Semiconductor (TI) LM390 Datasheet HTML 4Page - National Semiconductor (TI) LM390 Datasheet HTML 5Page - National Semiconductor (TI) LM390 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
10V
Package Dissipation 14-Pin DIP (Note 1)
83W
Input Voltage
g
04V
Storage Temperature
b
65 Cto a150 C
Operating Temperature
0 Cto a70 C
Junction Temperature
150 C
Lead Temperature (Soldering 10 sec)
260 C
Thermal Resistance
iJC
30 CW
iJA
79 CW
Electrical Characteristics TA e 25 C (Figure 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VS
Operating Supply Voltage
4
9
V
IQ
Quiescent Current
VS e 6V VIN e 010
20
mA
POUT
Output Power
VS e 6V RL e 4X THD e 10%
08
10
W
AV
Voltage Gain
VS e 6V f e 1 kHz
23
26
30
dB
10 mF from Pin 2 to 6
46
dB
BW
Bandwidth
VS e 6V Pins 2 and 6 Open
300
kHz
THD
Total Harmonic Distortion
VS e 6V RL e 4X POUT e 500 mW
02
1
%
f e 1 kHz Pins 2 and 6 Open
PSRR
Power Supply Rejection Ratio
VS e 6V f e 1 kHz CBYPASS e 10 mF
Pins 2 and 6 Open Referred to Output
50
dB
(Note 2)
RIN
Input Resistance
10
50
kX
IBIAS
Input Bias Current
VS e 6V Pins 7 and 8 Open
250
nA
Note 1
Pins 3 4 5 10 11 12 at 25 C Above 25 C case derate at 15 CW junction to case or 85 CW junction to ambient
Note 2
If load and bypass capacitor are returned to VS (Figure 2) rather than ground (Figure 1) PSRR is typically 30 dB
Typical Performance Characteristics
vs Ambient Temperature
Maximum Device Dissipation
Supply Voltage
Quiescent Supply Current vs
Frequency
(Referred to the Output) vs
Power Supply Rejection Ratio
Swing vs Supply Voltage
Peak-to-Peak Output Voltage
Voltage Gain vs Frequency
Distortion vs Frequency
TLH7848 – 5
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com