Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF64-1822PC Datasheet(PDF) 2 Page - Hirose Electric

Part # DF64-1822PC
Description  4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF64-1822PC Datasheet(HTML) 2 Page - Hirose Electric

  DF64-1822PC Datasheet HTML 1Page - Hirose Electric DF64-1822PC Datasheet HTML 2Page - Hirose Electric DF64-1822PC Datasheet HTML 3Page - Hirose Electric DF64-1822PC Datasheet HTML 4Page - Hirose Electric DF64-1822PC Datasheet HTML 5Page - Hirose Electric DF64-1822PC Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DF64 Series●4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
■Product Specifications
Ratings
Current
Rating
(Note 1)
BtoB
BtoW
Operating Temperature Range:
-55 ∼ to 105℃ (Note 2)
Operating Humidity Range
: 20 to 80% (Note 3)
5A
AWG#18
AWG#20
AWG#22
5A
4A
3A
Voltage
Rating
AC/DC
 350V
Storage Temperature Range:
-10 to 60℃ (Note 4)
Storage Humidity Range
: 40 - 70
% (Note 4)
Item
Specifications
Conditions
1. Insulation
resistance
No less than 1,000 Mø
Measured at DC 500 V
2. Withstand voltage
No flashover or breakdown
AC 1, 500 V is applied for one minute.
3. Contact
resistance
30 Mø max
Measured at no more than DC 6 V, 100 mA (DC or 1,000 Hz)
4. Vibration
Resistance
No electrical discontinuity of 1µs or
greater
Frequency 10-55 Hz, half amplitude 0.75 mm, 10 cycles in each
of three directions(axes)
5. Shock Resistance
No electrical discontinuity outage of
1µs or greater
Accelerated velocity: 490 m/s
2, for 11 ms, half-sine in 3
directions, 3 times for each of the three directions (axes)
6. Moisture-
resistance
■ Contact resistance 30 Mø max
■ Insulation resistance 1,000 Mø minimum
Temperature: 40 ±2ç; humidity: 90 to 95%, left as it is for 96 hours
7. Temperature
cycles
■Contact resistance 30 Mø max
■Insulation resistance 1,000 Mø minimum
-55
ç for 30 minutes → 5 to 35ç for 2 to 3 minutes → 105ç for
30 minutes
→ 5 to 35
ç for 2 to 3 minutes) in 5 cycles
8. Durability
■Contact resistance 30 Mø max
■Number of matings/unmatings
10 mating cycles
9. Resistance to
solder heat
The resin components will not
become deformed or loose
performance due to deformities
Reflow: according to the Recommended Temperature Profile
Hand soldering: temperature of soldering iron at 350
ç±10ç for
3 seconds
(Note 1) This is the maximum current rating while all pins are powered or used as all power lines.
(Note 2) Includes the temperature rise of power lines.
(Note 3) Use without condensation on parts.
(Note 4) The storage condition refers to long-term storage of the product on the shelf before assembly. Please use the operating
temperature for temporary storage such as pre-assembly and during shipping.
■Materials
Product
Part
Materials
Finish
UL spec.
Receptacle
Insulator
LCP
Beige
UL94V-0
Contact
Copper alloy
Tin-plating
−
Reinforcing metal fittings
Brass
Tin-plating
−
Header
Insulator
LCP
Beige
UL94V-0
Contact
Copper alloy
Tin-plating
−
Reinforcing metal fittings
Brass
Tin-plating
−
Crimp case
Insulator
LCP
Beige
UL94V-0
Crimp contact
Contact
Phosphorous Bronze
Tin-plating
−
■Product Number Structure
Refer to the charts below for determining specific part number characteristics.
Please select connectors listed in this catalog when placing orders and be sure to check the latest delivery specifications at the
time of ordering the product.
●Connector
DF 64 - * S - 4.5 H
❶❷
❸ ❹
❺
❻
DF 64 - * P - 4.5 H
❶❷
❸ ❹
❺
❻
DF 64 - * P - 4.5 C
❶❷
❸ ❹
❺
❻
●Contact
DF 64 - 1822 PCF
❶❷
❶ Series Name: DF
❷ Series No.: 64
❸ Number of contacts: 2, 3
❹ Connector type
S: receptacle P: plug
❺ Pitch : 4.5 mm
❻ Wiring type
 H: SMT Right Angle Type
 C: crimp housing
❶ Applicable wire size
1822 : 18 – 22 AWG
❷ Packaging style
 PCF: In-line plug plug contact, on reel
 PC: In-line plug contact, loose piece



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com