Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT801/DF59M-2628P Datasheet(PDF) 6 Page - Hirose Electric

Part # HT801/DF59M-2628P
Description  2mm Pitch, Multi Functional Connector System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT801/DF59M-2628P Datasheet(HTML) 6 Page - Hirose Electric

Back Button HT801/DF59M-2628P Datasheet HTML 2Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 3Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 4Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 5Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 6Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 7Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 8Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 9Page - Hirose Electric HT801/DF59M-2628P Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DF59 Series●2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Part No.
HRS No.
Packaging
Quantity
Treatment
DF59-22PCFA
667-0016-8 00
Reel contact (Note 1)
10,000 contacts / reel
Gold plated
DF59-22PCA
667-0022-0 00
Bulk contact (Note 2)
100 contacts / pack
Note 1 : Please order reel contacts by full reel quantities. (10,000 pcs/reel)
Note 2 : Please order loose piece contacts in full pack. (100 pcs/pack)
●Applicable Wire (Tin plated soft copper wire)
Conductor Size (Wire Constitution)
Jacket Diameter
22 AWG (17 /
Ø0.16mm)
UL1061 (Ø1.26mm)
UL3265 (Ø1.38mm)
Crimp contact
●Recommended Wire
UL1061, UL3265
●Strip Length
1.7 to 2.3mm
Note : Please contact your nearest Hirose Sales Representative for information regarding compatible wire Remarks: Please
consult with our sales representative when using wires other than applicable wire.
Note : The strip length is a reference value. Please make adjustments so finished crimps will meet the specified values. Refer to
the crimping quality standards (ATAD-H0504) for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com