Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF62-22SCF Datasheet(PDF) 4 Page - Hirose Electric

Part # DF62-22SCF
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62-22SCF Datasheet(HTML) 4 Page - Hirose Electric

  DF62-22SCF Datasheet HTML 1Page - Hirose Electric DF62-22SCF Datasheet HTML 2Page - Hirose Electric DF62-22SCF Datasheet HTML 3Page - Hirose Electric DF62-22SCF Datasheet HTML 4Page - Hirose Electric DF62-22SCF Datasheet HTML 5Page - Hirose Electric DF62-22SCF Datasheet HTML 6Page - Hirose Electric DF62-22SCF Datasheet HTML 7Page - Hirose Electric DF62-22SCF Datasheet HTML 8Page - Hirose Electric DF62-22SCF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DF62 Series / DF62W Series●2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
◆IP67 Water-resistant type
●Connector
DF 62W - * S - 2.2 C
❶❷
❸ ❹
❺
❻
●Contact
DF 62W - EP 2226 PCF A
❶❷
❸
❹
❺
❻
●Water-proof pin
DF 62W - WP
❶❷
❸
●Connector
DF 62W - * P - 2.2 DSA (00)
❶❷
❸ ❹
❺
❻
❼
❶Series Name:DF
❷Series No. : 62W
❸No. of Contacts : 2, 3, 4, 6, 9
❹Connector type
S : Socket, EP : Extension plug
❺Contact pitch : 2.2mm
❻Connection part shape
C : Crimping housing
❶Series Name:DF
❷Series No. : 62W
❸Terminal type
EP : Extension plug
❹Applicable wire size
2022
:20 to 22 AWG
2226
:22 to 26 AWG
❺Contact type /packaging type
SCF : Socket crimping contact, reel
SC : Socket crimping contact, pieces
PCF : Plug crimping contact, reel
PC : Plug crimping contact, pieces
❻Plating type
A : Gold plating
None : Tin plating
❶Series Name:DF
❷Series No. : 62W
❸For each use type
WP :
◆IP67 Water-resistant type
❶Series Name:DF
❷Series No. : 62W
❸No. of Contacts : 9
❹Connector type
P : Header
❺Contact pitch : 2.2mm
❻Connection part shape
DSA : Straight pin header
❼Plating type
(01) : Gold plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com