Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF62-30SCF Datasheet(PDF) 3 Page - Hirose Electric

Part # DF62-30SCF
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62-30SCF Datasheet(HTML) 3 Page - Hirose Electric

  DF62-30SCF Datasheet HTML 1Page - Hirose Electric DF62-30SCF Datasheet HTML 2Page - Hirose Electric DF62-30SCF Datasheet HTML 3Page - Hirose Electric DF62-30SCF Datasheet HTML 4Page - Hirose Electric DF62-30SCF Datasheet HTML 5Page - Hirose Electric DF62-30SCF Datasheet HTML 6Page - Hirose Electric DF62-30SCF Datasheet HTML 7Page - Hirose Electric DF62-30SCF Datasheet HTML 8Page - Hirose Electric DF62-30SCF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DF62 Series / DF62W Series●2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
Note : The water-proof type and a non-water-proof type are not intermateable.
◆Non-water-resistant type
●Connector
DF 62B - * S - 2.2 C (00)
❶❷
❸ ❹
❺
❻
❼
●Contact
DF 62 - EP 2428 PCF A
❶❷
❸
❹
❺
❻
●Connector
DF 62 - * P - 2.2 DSA (00)
❶❷
❸ ❹
❺
❻
❼
❶Series Name:DF
❷Series No. : 62B (regular type)
62C (Protected lock type )
62P (Panel mount type )
❸No. of Contacts : 2, 3, 4, 5, 6, 7, 13, 24
❹Connector type
S : Socket, EP : Extension plug
❺Contact pitch : 2.2mm
❻Connection part shape
C : Crimping housing
❼Color
Socket 00 : White
Extension plug 00 : Black
11 : Black
10 : White
18 : Red
18 : Red
❶Series Name:DF
❷Series No. : 62
❸Terminal type
EP : Extension plug
❹Applicable wire size
22
:22 AWG
2428
:24 to 28 AWG
30
:30 AWG
❺Contact type /packaging type
SCF : Socket crimping contact, reel
SC : Socket crimping contact, pieces
PCF : Plug crimping contact, reel
PC : Plug crimping contact, pieces
❻Plating type
A : Gold plating
None : Tin plating
❶Series Name:DF
❷Series No. : 62
❸No. of Contacts : 13, 24
❹Connector type
P : Header
❺Contact pitch : 2.2mm
❻Connection part shape
DSA : Straight pin header
DS : Right angle pin header
❼Plating type
(00) : Tin plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com