Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1044 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1044
Description  4-in-1 High-Speed Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1044 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1044 Datasheet HTML 1Page - Dallas Semiconductor DS1044 Datasheet HTML 2Page - Dallas Semiconductor DS1044 Datasheet HTML 3Page - Dallas Semiconductor DS1044 Datasheet HTML 4Page - Dallas Semiconductor DS1044 Datasheet HTML 5Page - Dallas Semiconductor DS1044 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1044
021798 4/6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; VCC=+5V ± 5%)
PARAMETER
SYMBOL
TEST
CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5.00
5.25
V
Active Current
ICC
VCC=5.25V
Period=1
µs
45
mA
High Level Input Voltage
VIH
2.2
VCC+0.5
V
Low Level Input Voltage
VIL
–0.5
0.8
V
Input Leakage
IL
0V<VI<VCC
–1.0
1.0
µA
High Level Output Current
IOH
VCC=4.75V
VOH=4V
–1.0
mA
Low Level Output Current
IOL
VCC=4.75V
VOL=0.5V
12
mA
AC ELECTRICAL CHARACTERISTICS
(+25
°C; VCC=5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Period
tPERIOD
2 (tWI)
ns
3
Input Pulse Width
tWI
100% of
Tap Delay
ns
3
Input–to–Tap Output Delay
tPLH, tPHL
Table 1
ns
Output Rise or Fall Time
tOR, tOF
2.0
2.5
ns
Power–up Time
tPU
100
ms
CAPACITANCE
(tA=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
10
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com