Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1135L Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1135L
Description  3V 3-in-1 High-Speed Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1135L Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1135L Datasheet HTML 1Page - Dallas Semiconductor DS1135L Datasheet HTML 2Page - Dallas Semiconductor DS1135L Datasheet HTML 3Page - Dallas Semiconductor DS1135L Datasheet HTML 4Page - Dallas Semiconductor DS1135L Datasheet HTML 5Page - Dallas Semiconductor DS1135L Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS1135-L
2 of 6
LOGIC DIAGRAM Figure 1
PART NUMBER DELAY TABLE (tPLH , tPHL ) Table 1
TOLERANCE OVER
TEMP AND VOLTAGE
(Note 2)
PART NUMBER
DELAY PER
OUTPUT
(ns)
INITIAL
TOLERANCE
(Note 1)
0°C to +70°C
-40°C to +85°C
DS1135LX-10
10/10/10
±1.0ns
±2.0ns
±3.0ns
DS1135LX-12
12/12/12
±1.0ns
±2.0ns
±3.0ns
DS1135LX-15
15/15/15
±1.0ns
±2.5ns
±4.0ns
DS1135LX-20
20/20/20
±1.0ns
±2.5ns
±4.0ns
DS1135LX-25
25/25/25
±1.5ns
±3.0ns
±5.0ns
DS1135LX-30
30/30/30
±1.5ns
±3.0ns
±5.0ns
NOTES:
1. Nominal conditions are +25°C and VCC = +3.3V.
2. Voltage range of 2.7V to 3.6V.
3. Delay accuracies is for both leading and trailing edges.
4. X in Part number denotes package: U indicates µSOP, Z indicates SO.
TEST SETUP DESCRIPTION
Figure 2 illustrates the hardware configuration used for measuring the timing parameters of the DS1135L.
The input waveform is produced by a precision pulse generator under software control. Time delays are
measured by a time interval counter (20 ps resolution) connected to the output. The DS1135L output taps
are selected and connected to the interval counter by a VHF switch control unit. All measurements are
fully automated with each instrument controlled by the computer over an IEEE 488 bus.
TIME DELAY
OUT
IN
ONE OF THREE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com