Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40N20 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 40N20
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

40N20 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  40N20 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 40N20 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
40N20
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
200
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2
4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 20A
50
mΩ
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 200V; VGS=0
1.0
uA
VSD
Forward On-Voltage
IS= 40A; VGS=0
1.2
V
Gfs
Forward Transconductance
VDS≥ 25V;ID= 25A
26
S
Ciss*
Input capacitance
VGS=0V
VDS=25V
f=1MHz
6500
pF
Coss*
Output capacitance
290
pF
Crss*
Reverse transfer capacitance
220
pF
td(on)*
Turn-on delay time
VDD=30V
VGS=10V
ID=2A
RG=2.5Ω
RL=15Ω
26
ns
Tr*
Rise time
24
ns
td(off)*
Turn-off delay time
91
ns
Tf*
Fall time
39
ns
Qg*
Total Gate Charge
ID=30A
VDS=30V
VGS=10V
163
nC
Qgs*
Gate-Source Charge
31
nC
Qgd*
Gate-Drain Charge
64
nC
*:Pulse width≤300us,duty cycle ≤2%
*:Guaranteed by design,not subject to production



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com