Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1992 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1992
Description  1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1992 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1992 Datasheet HTML 1Page - Dallas Semiconductor DS1992 Datasheet HTML 2Page - Dallas Semiconductor DS1992 Datasheet HTML 3Page - Dallas Semiconductor DS1992 Datasheet HTML 4Page - Dallas Semiconductor DS1992 Datasheet HTML 5Page - Dallas Semiconductor DS1992 Datasheet HTML 6Page - Dallas Semiconductor DS1992 Datasheet HTML 7Page - Dallas Semiconductor DS1992 Datasheet HTML 8Page - Dallas Semiconductor DS1992 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS1992/DS1993
2of 2
iButton DESCRIPTION
The DS1992/DS1993 memory iButtons (hereafter referred to as DS199_) are rugged read/write data
carriers that act as a localized database, easily accessible with minimal hardware. The nonvolatile
memory and optional timekeeping capability offer a simple solution to storing and retrieving vital
information pertaining to the object to which the iButton is attached. Data is transferred serially through
the 1-Wire protocol that requires only a single data lead and a ground return.
The scratchpad is an additional page that acts as a buffer when writing to memory. Data is first written to
the scratchpad where it can be read back. After the data has been verified, a copy scratchpad command
transfers the data to memory. This process ensures data integrity when modifying the memory. A 48-bit
serial number is factory lasered into each DS199_ to provide a guaranteed unique identity that allows for
absolute traceability. The durable MicroCan package is highly resistant to environmental hazards such as
dirt, moisture, and shock. Its compact coin-shaped profile is self-aligning with mating receptacles,
allowing the DS199_ to be easily used by human operators. Accessories permit the DS199_ to be
mounted on almost any surface including plastic key fobs, photo–ID badges, and PC boards.
Applications include access control, work-in-progress tracking, electronic travelers, storage of calibration
constants, and debit tokens.
OPERATION
The DS199_ have three main data components: 1) 64-bit lasered ROM, 2) 256-bit scratchpad, and 3)
1024-bit (DS1992) or 4096-bit (DS1993) SRAM. All data is read and written least significant bit first.
The memory functions are not available until the ROM function protocol has been established. This
protocol is described in the ROM functions flow chart (Figure 9). The master must first provide one of
four ROM function commands: 1) read ROM, 2) match ROM, 3) search ROM, or 4) skip ROM. After a
ROM function sequence has been successfully executed, the memory functions are accessible and the
master can then provide any one of the four memory function commands (Figure 6).
PARASITE POWER
The block diagram (Figure 1) shows the parasite-powered circuitry. This circuitry steals power whenever
the data input is high. The data line provides sufficient power as long as the specified timing and voltage
requirements are met. The advantages of parasite power are two-fold: 1) by parasiting off this input,
lithium is conserved, and 2) if the lithium is exhausted for any reason, the ROM can still be read
normally.
64-bit LASERED ROM
Each DS199_ contain a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code.
The next 48 bits are a unique serial number. The last 8 bits are a CRC of the first 56 bits. (See Figure 2.)
The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and XOR gates
as shown in Figure 3. The polynomial is X8 + X5 + X4 + 1. Additional information about the Dallas 1-Wire
Cyclic Redundancy Check is available in the Book of DS19xx iButton Standards. The shift register bits
are initialized to zero. Then starting with the least significant bit of the family code, 1 bit at a time is
shifted in. After the 8th bit of the family code has been entered, then the serial number is entered. After
the 48th bit of the serial number has been entered, the shift register contains the CRC value. Shifting in
the 8 bits of CRC should return the shift register to all zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com