Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM391 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM391
Description  LM391 Audio Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM391 Datasheet HTML 1Page - National Semiconductor (TI) LM391 Datasheet HTML 2Page - National Semiconductor (TI) LM391 Datasheet HTML 3Page - National Semiconductor (TI) LM391 Datasheet HTML 4Page - National Semiconductor (TI) LM391 Datasheet HTML 5Page - National Semiconductor (TI) LM391 Datasheet HTML 6Page - National Semiconductor (TI) LM391 Datasheet HTML 7Page - National Semiconductor (TI) LM391 Datasheet HTML 8Page - National Semiconductor (TI) LM391 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
LM391N-100
g
50V or a100V
Input Voltage
Supply Voltage less 5V
Shutdown Current (Pin 14)
1 mA
Package Dissipation (Note 1)
139W
Storage Temperature
b
65 Cto a150 C
Operating Temperature
0 Cto a70 C
Lead Temp (Soldering 10 sec)
260 C
Thermal Resistance
iJC
20 CW
iJA
63 CW
Electrical Characteristics TA e 25 C (The following are for Va e 90% VaMAX and Vb e 90% VbMAX )
Parameter
Conditions
Min
Typ
Max
Units
Quiescent Current
Current in Pin 15
mA
LM391N-100
VIN e 05
6
Output Swing
Positive
Va b 7Va b 5V
Negative
Vb a 7Vb a 5V
Drive Current
Source (Pin 8)
5
mA
Sink (Pin 5)
5
mA
Noise (20 Hz – 20 kHz)
Input Referred
3
m
V
Supply Rejection
Input Referred
70
90
dB
Total Harmonic Distortion
f e 1 kHz
001
%
f e 20 kHz
010
025
%
Intermodulation Distortion
60 Hz 7 kHz 41
001
%
Open Loop Gain
f e 1 kHz
1000
5500
VV
Input Bias Current
01
10
m
A
Input Offset Voltage
5
20
mV
Positive Current Limit VBE
Pin 10 – 9
650
mV
Negative Current Limit VBE
Pin 9 – 13
650
mV
Positive Current Limit Bias Current
Pin 10
10
100
m
A
Negative Current Limit Bias Current
Pin 13
10
100
m
A
Pin 14 Current Comments
Minimum pin 14 current required for shutdown is 05 mA and must not exceed 1 mA
Maximum pin 14 current for amplifier not shut down is 005 mA
The typical shutdown switch point current is 02 mA
Note 1
For operation in ambient temperatures above 25 C the device must be derated based on a 150 C maximum junction temperature and a thermal resistance
of 90 CW junction to ambient
Typical Applications
TLH7146 – 3
FIGURE 1 LM391 with External Components
Protection Circuitry Not Shown
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com