Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54223G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # M54223G-S08-R
Description  With good input sensitivity current temperature characteristics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54223G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  M54223G-S08-R Datasheet HTML 1Page - Unisonic Technologies M54223G-S08-R Datasheet HTML 2Page - Unisonic Technologies M54223G-S08-R Datasheet HTML 3Page - Unisonic Technologies M54223G-S08-R Datasheet HTML 4Page - Unisonic Technologies M54223G-S08-R Datasheet HTML 5Page - Unisonic Technologies M54223G-S08-R Datasheet HTML 6Page - Unisonic Technologies M54223G-S08-R Datasheet HTML 7Page - Unisonic Technologies M54223G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M54223
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R122-012.A
TYPICAL APPLICATION CIRCUIT
High-Speed Leakage Circuit Breaker With UTC M54223
UTC M54223
Trip
Coil
VS
GND
AC
Line
ZCT
SCR (Note)
CR2AM
CR03AM
CRO2AM
Note: Gate current must be selected.
Please select voltage resistance by AC supply voltage
R2
RL
1
2
4
5
6
7
3
8
RP=100Ω
C6
C4
AC
Line
C1
C2
C3
C5
R1
{
Note: The value of R1, R2, C4, and C5 should be chosen in order to keep at least 12V in Vs.
Please connect C4 (>1μF) and C2 (<1μF).
ZCT and load resistance RL of ZCT are connected between input pin 1 and 2.
Protective resistance (RP=100Ω) must be insurted.
RL and amplifier’s output (in Pin 4) regulates sensitivity current
External capacitor C1 between pin 4 and GND is used for noise removal.
Please connect a varistor or a diode (2 pcs.) to ZCT in parallel, because of when large current is grounded in
the primary side (AC line) of ZCT, the following situation can be abandoned: The wave form in the secondary
side of ZCT is distorted and some signals do not appear in the output of amplifier.
Please connect capacitor (about 0.047μF) between pin 6 and pin 7.
Capacitor C6 between pin 1 and GND is about 0.047μF for removing noise.
170
30
7
5
3
1
100
50
Operating Time vs. Input Voltage
Input Voltage, V1 (mVrms)
10
300 500 1000
3
5
70
30
7
100
50
10
300
500
1000
700 C1=0.047µF
Ta=25°C
60Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com