Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3100G-SMA-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR3100G-SMA-R
Description  High Surge Capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR3100G-SMA-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR3100G-SMA-R Datasheet HTML 1Page - Unisonic Technologies MBR3100G-SMA-R Datasheet HTML 2Page - Unisonic Technologies MBR3100G-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR3100
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R202-059 .a
3.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR3100 is a 3.0A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability, low power
loss and low forward voltage drop, etc.
The UTC MBR3100 is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low forward voltage drop, High Current Capability
* Low power loss, High efficiency
* High Surge Capability
*For Use in Low Voltage,High Frequency Inverters and Polarity
Protection Applications.
SYMBOL
SMA
(JEDEC DO-214AC)
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
MBR3100L-SMA-R
MBR3100G-SMA-R
SMA
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel
(2) SMA: SMA
(3) L: Lead Free, G: Halogen Free and Lead Free
MBR3100L-SMA-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
Date Code
Cathode Band for
uni-directional Only
UTC
MBR3100


Similar Part No. - MBR3100G-SMA-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3100G ONSEMI-MBR3100G Datasheet
58Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR3100G ONSEMI-MBR3100G Datasheet
166Kb / 5P
Axial Lead Rectifier
January, 2024 - Rev. 7
More results

Similar Description - MBR3100G-SMA-R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
High Surge Capability
FR30MR05 GENESIC-FR30MR05 Datasheet
663Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com