Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3150G-Z21D-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR3150G-Z21D-R
Description  Low forward voltage drop, High Current Capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR3150G-Z21D-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR3150G-Z21D-R Datasheet HTML 1Page - Unisonic Technologies MBR3150G-Z21D-R Datasheet HTML 2Page - Unisonic Technologies MBR3150G-Z21D-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR3150
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R202-056.a
3.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR3150 is a 3.0A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability, low power
loss and low forward voltage drop, etc.
The UTC MBR3150 is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low forward voltage drop, High Current Capability
* Low power loss, High efficiency
* High Surge Capability
*For Use in Low Voltage,High Frequency Inverters and Polarity
Protection Applications.
SYMBOL
DO-201AD
1
2
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
MBR3150L-Z21D-R
MBR3150G-Z21D-R
DO-201AD
K
A
Tape Box
Note: Pin Assignment: A: Anode
K: Cathode
MARKING
MBR3150
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - MBR3150G-Z21D-R

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
MBR3150 CTC-MBR3150 Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3150 PANJIT-MBR3150 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
MBR3150 CTC-MBR3150 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
MBR3150 ZSELEC-MBR3150 Datasheet
135Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
DONGGUAN YOU FENG WEI E...
MBR3150DS YFWDIODE-MBR3150DS Datasheet
477Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - MBR3150G-Z21D-R

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SR120 FCI-SR120 Datasheet
7Mb / 2P
High surge current capability High current capability Low forward voltage drop
logo
Kersemi Electronic Co.,...
MBR30L60CT KERSEMI-MBR30L60CT Datasheet
869Kb / 2P
High current capability, low forward voltage drop
logo
Diodes Incorporated
SR104-B DIODES-SR104-B Datasheet
48Kb / 2P
High Current Capability and Low Forward Drop
Rev erse
logo
MAKO SEMICONDUCTOR CO.,...
MBR1045 MAKOSEMI-MBR1045 Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1045CT MAKOSEMI-MBR1045CT Datasheet
499Kb / 4P
High current capability, low forward voltage
SB1045L MAKOSEMI-SB1045L Datasheet
499Kb / 4P
High current capability, low forward voltage
MBR1550CT MAKOSEMI-MBR1550CT Datasheet
535Kb / 4P
High current capability, low forward voltage
SBR10U45SP5 MAKOSEMI-SBR10U45SP5 Datasheet
499Kb / 4P
High current capability, low forward voltage
SBR15U50SP5 MAKOSEMI-SBR15U50SP5 Datasheet
535Kb / 4P
High current capability, low forward voltage
logo
Shanghai Leiditech Elec...
MUR105 LEIDITECH-MUR105 Datasheet
115Kb / 3P
High Surge Capability Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com