Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4510U-5/T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS4510U-5/T
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510U-5/T Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS4510U-5/T Datasheet HTML 1Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 2Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 3Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 4Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 5Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 6Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 7Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 8Page - Maxim Integrated Products DS4510U-5/T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
_____________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
VCC TRIP POINT vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
4.0
-40
80
RST OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.5 4.0
1.0 1.5 2.0 2.5 3.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0
5.5
5.6k
Ω PULLUP
RESISTOR ON RST
SDA = SCL = VCC
I/O PULLUP RESISTANCE vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
4.75
-40
80
Pin Description
PIN
NAME
FUNCTION
1A0
I
2C Address Input. This input pin determines the chip address of the device. A0 = 0 sets the slave
address to 1010000b, A0 = 1 sets the slave address to 1010001b.
2
SDA
Serial Data Input/Output. Bidirectional I
2C data pin.
3
SCL
Serial Clock Input. I
2C clock input.
4VCC
Power Input
5
GND
Ground
6
I/O3
Input/Output 3. I
2C accessible bidirectional I/O pin.
7
I/O2
Input/Output 2. I
2C accessible bidirectional I/O pin.
8
I/O1
Input/Output 1. I
2C accessible bidirectional I/O pin.
9
I/O0
Input/Output 0. I
2C accessible bidirectional I/O pin.
10
RST
Active-Low Reset Output. Open-drain CPU supervisor reset output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com