Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC82L52 Datasheet(PDF) 13 Page - Megawin Technology Co., Ltd

Part # MPC82L52
Description  Interrupt controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L52 Datasheet(HTML) 13 Page - Megawin Technology Co., Ltd

Back Button MPC82L52 Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 17Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
MEGAWIN
MPC82x52 Data Sheet
13
3.2. SFR Bit Assignment
Table 3
–2. SFR Bit Assignment
SYMBOL
DESCRIPTION
ADDR
BIT ADDRESS AND SYMBOL
RESET
VALUE
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
SP
Stack Pointer
81H
00000111B
DPL
Data Pointer Low
82H
00000000B
DPH
Data Pointer High
83H
00000000B
SPISTAT
SPI Status Register
84H
SPIF
WCOL
--
--
--
--
--
--
00xxxxxxB
SPICON
SPI Control Register
85H
SSIG
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
00000100B
SPIDAT
SPI Data Register
86H
00000000B
PCON
Power Control Reg.
87H
SMOD
SMOD0
LVF
POF
GF1
GF0
PD
IDL
00110000B
TCON
Timer Control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00000000B
TMOD
Timer Mode
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00000000B
TL0
Timer Low 0
8AH
00000000B
TL1
Timer Low 1
8BH
00000000B
TH0
Timer High 0
8CH
00000000B
TH1
Timer High 1
8DH
00000000B
AUXR
Auxiliary Register
8EH
T0X12
T1X12
URM0X6
EADCI
ESPI
ENLVFI
--
--
000000xxB
P1
Port 1
90H
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
11111111B
P1M0
P1 Mode Register 0
91H
P1M0.7
P1M0.6
P1M0.5
P1M0.4
P1M0.3
P1M0.2
P1M0.1
P1M0.0 00000000B
P1M1
P1 Mode Register 1
92H
P1M1.7
P1M1.6
P1M1.5
P1M1.4
P1M1.3
P1M1.2
P1M1.1
P1M1.0 00000000B
SCON
Serial Control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00000000B
SBUF
Serial Buffer
99H
xxxxxxxxB
IE
Interrupt Enable
A8H
EA
EPCA_
LVD
ESPI_
ADC
ES
ET1
EX1
ET0
EX0
00000000B
SADDR
Slave Address
A9H
00000000B
P3
Port 3
B0H
P3.7
--
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
1x111111B
P3M0
P3 Mode Register 0
B1H
P3M0.7
--
P3M0.5
P3M0.4
P3M0.3
P3M0.2
P3M0.1
P3M0.0 0x000000B
P3M1
P3 Mode Register 1
B2H
P3M1.7
--
P3M1.5
P3M1.4
P3M1.3
P3M1.2
P3M1.1
P3M1.0 0x000000B
IPH
Interrupt Priority High
B7H
--
PPCA_
LVD
PSPI_
ADC
PSH
PT1H
PX1H
PT0H
PX0H
x0000000B
IP
Interrupt Priority Low
B8H
--
PPCA_
LVD
PSPI_
ADC
PSL
PT1L
PX1L
PT0L
PX0L
x0000000B
SADEN
Slave Address Mask
B9H
00000000B
ADCTL
ADC Control
C5H
ADCON SPEED1 SPEED0
ADCI
ADCS
CHS2
CHS1
CHS0
00000000B
ADCV
ADC Result Register
C6H
ADCV.7
ADCV.6
ADCV.5
ADCV.4
ADCV.3
ADCV.2
ADCV.1
ADCV.0 xxxxxxxxB
PCON2
Power Control 2
Reg.
C7H
--
--
--
--
--
CKS2
CKS1
CKS0
xxxxx000B
PSW
Program Status Word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00000000B
CCON
PCA Control Reg.
D8H
CF
CR
--
--
--
--
CCF1
CCF0
00xxxx00B
CMOD
PCA Mode Reg.
D9H
CIDL
--
--
--
--
CPS1
CPS0
ECF
0xxxx000B
CCAPM0
PCA Module0 Mode
DAH
--
ECOM0
CAPP0
CAPN0
MAT0
TOG0
PWM0
ECCF0 x0000000B
CCAPM1
PCA Module1 Mode
DBH
--
ECOM1
CAPP1
CAPN1
MAT1
TOG1
PWM1
ECCF1 x0000000B
ACC
Accumulator
E0H
ACC.7
ACC.6
ACC.5
ACC.4
ACC.3
ACC.2
ACC.1
ACC.0
00000000B
WDTCR
Watch-dog-timer
Control register
E1H
WRF
--
ENW
CLW
WIDL
PS2
PS1
PS0
0x000000B
xxx0xxxxB
IFD
ISP Flash data
E2H
11111111B
IFADRH
ISP Flash address
High
E3H
00000000B
IFADRL
ISP Flash Address
Low
E4H
00000000B
IFMT
ISP Mode Table
E5H
--
--
--
--
--
--
MS1
MS0
xxxxxx00B
SCMD
ISP Serial Command
E6H
xxxxxxxxB
ISPCR
ISP Control Register
E7H
ISPEN
SWBS
SWRST
CFAIL
--
WAIT.2
WAIT.1
WAIT.0 0000x000B
CL
PCA base timer Low
E9H
CL.7
CL.6
CL.5
CL.4
CL.3
CL.2
CL.1
CL.0
00000000B
CCAP0L
PCA module0 capture
Low
EAH
00000000B
CCAP1L
PCA module1 capture
Low
EBH
00000000B
B
B Register
F0H
B.7
B.6
B.5
B.4
B.3
B.2
B.1
B.0
00000000B
PCAPWM0 PCA PWM0 Mode
F2H
--
--
--
--
--
--
EPC0H
EPC0L xxxxxx00B
PCAPWM1 PCA PWM1 Mode
F3H
--
--
--
--
--
--
EPC1H
EPC1L xxxxxx00B
CH
PCA base timer High
F9H
CH.7
CH.6
CH.5
CH.4
CH.3
CH.2
CH.1
CH.0
00000000B
CCAP0H
PCA Module0 capture
High
FAH
00000000B
CCAP1H
PCA Module1 capture
High
FBH
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com