Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R10A Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48R10A
Description  8-Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R10A Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48R10A Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Application Circuits
HT48R10A-1
Rev. 1.20
21
July 2, 2001
PB 0 / BZ
PB 1 / BZ
OS C 1 / P C 3
OS C 2 / P C 4
PA0 ~ P A 7
RE S
IN T / P C 0
TM R / P C 1
V DD
PB2 ~ P B 7
PC 2
VD D
470 pF
NM O S
ope n dr ai n
VS S
0. 1 m F
100 k W
0. 1 m F
PB 0 / BZ
PB 1 / BZ
OS C 1 / P C 3
OS C 2 / P C 4
PA0 ~ P A 7
HT 4 8 R1 0 A - 1
RE S
IN T / P C 0
TM R / P C 1
V DD
PB2 ~ P B 7
PC 2
VD D
VS S
0. 1 m F
100 k W
0. 1 m F
C1
C2
51k W ~
1M W
HT 4 8 R1 0 A - 1
RC oscillator for multiple I/O applications
Crystal or ceramic resonator for multiple I/O
applications
Internal RC oscillator for multiple I/O
applications
Internal RC oscillator with RTC for multiple I/O
applications
PB 0 / BZ
PB 1 / BZ
OS C 1 / P C 3
OS C 2 / P C 4
PA0 ~ P A 7
HT 4 8 R1 0 A - 1
RE S
IN T / P C 0
TM R / P C 1
V DD
PB2 ~ P B 7
PC 2
VD D
VS S
0. 1 m F
100 k W
0. 1 m F
PB 0 / BZ
PB 1 / BZ
OS C 1 / P C 3
OS C 2 / P C 4
PA0 ~ P A 7
HT 4 8 R1 0 A - 1
RE S
IN T / P C 0
TM R / P C 1
V DD
PB2 ~ P B 7
PC 2
VD D
VS S
0. 1 m F
100 k W
0. 1 m F
3276 8H z
Note: C1=C2=300pF if fSYS<1MHz
Otherwise, C1=C2=0
Note: The resistance and capacitance for reset circuit should be designed in such a way as to ensure
that the VDD is stable and remains within a valid operating voltage range before bringing
RES to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com