Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R50A Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48R50A
Description  8-Bit Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R50A Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48R50A Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R50A Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
HT48R50A-1
Rev. 1.10
21
July 2, 2001
register, which defines the operating mode,
counting enable or disable and active edge.
The TM0, TM1 bits define the operating mode.
The event count mode is used to count external
events, which means the clock source comes
from an external (TMR0/TMR1) pin. The timer
mode functions as a normal timer with the
clock source coming from the fINT clock/instruc-
tion clock or RTC clock (Timer0/Timer1). The
pulse width measurement mode can be used to
count the high or low level duration of the external
signal (TMR0/TMR1). The counting is based on
the fINT clock/instruction clock or RTC clock
(Timer0/Timer1).
In the event count or timer mode, once the
Timer/Event Counter 0/1 starts counting, it will
count from the current contents in the
Timer/Event Counter 0/1 to FFH or FFFFH.
Once overflow occurs, the counter is reloaded
from the Timer/Event Counter 0/1 preload regis-
ter and generates the interrupt request flag
(T0F/T1F; bit 5/6 of INTC) at the same time.
In the pulse width measurement mode with
the TON and TE bits equal to one, once the
TMR0/TMR1 has received a transient from low
to high (or high to low if the TE bits is "0") it will
start counting until the TMR0/TMR1 returns to
the original level and resets the TON. The mea-
sured result will remain in the Timer/Event
Counter 0/1 even if the activated transient oc-
curs again. In other words, only one cycle mea-
surement can be done. Until setting the TON,
the cycle measurement will function again as
long as it receives further transient pulse. Note
that, in this operating mode, the Timer/Event
Counter 0/1 starts counting not according to the
logic level but according to the transient edges.
In the case of counter overflows, the counter 0/1
is reloaded from the Timer/Event Counter 0/1
preload register and issues the interrupt re-
quest just like the other two modes. To enable
the counting operation, the timer ON bit (TON;
bit 4 of TMR0C/TMR1C) should be set to 1. In
the pulse width measurement mode, the TON
will be cleared automatically after the mea-
surement cycle is completed. But in the other
two modes the TON can only be reset by in-
structions. The overflow of the Timer/Event
Counter 0/1 is one of the wake-up sources. No
matter what the operation mode is, writing a 0
to ET0I/ET1I can disable the corresponding in-
terrupt services.
In the case of Timer/Event Counter 0/1 OFF
condition, writing data to the Timer/Event
Counter 0/1 preload register will also reload
that data to the Timer/Event Counter 0/1. But
if the Timer/Event Counter 0/1 is turned on,
data written to it will only be kept in the
Timer/Event Counter 0/1 preload register. The
Timer/Event Counter 0/1 will still operate until
overflow occurs (a Timer/Event Counter 0/1 re-
loading will occur at the same time). When the
Timer/Event Counter 0/1 (reading TMR0/TMR1)
is read, the clock will be blocked to avoid errors.
As clock blocking may results in a counting error,
this must be taken into consideration by the pro-
grammer.
The bit0~bit2 of the TMR0C can be used to de-
fine the pre-scaling stages of the internal clock
sources of Timer/Event Counter 0. The defini-
tions are as shown. The overflow signal of
Timer/Event Counter 0 can be used to generate
PFD signals for buzzer driving.
Input/output ports
There are 35 bidirectional input/output lines in
the microcontroller, labeled from PA to PD and
PG, which are mapped to the data memory of
[12H], [14H], [16H], [18H] and [1EH] respec-
tively. All of these I/O ports can be used for input
and output operations. For input operation, these
ports are non-latching, that is, the inputs must be
ready at the T2 rising edge of instruction "MOV
A,[m]" (m=12H, 14H, 16H, 18H or 1EH). For out-
put operation, all the data is latched and remains
unchanged until the output latch is rewritten.
Each I/O line has its own control register (PAC,
PBC, PCC, PDC, PGC) to control the input/out-
put configuration. With this control register,
CMOS output or Schmitt trigger input with or
without pull-high resistor structures can be re-
configured dynamically (i.e. on-the-fly) under
software control. To function as an input, the
corresponding latch of the control register must
write "1". The input source also depends on the
control register. If the control register bit is "1",



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com