Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMN-RJF Datasheet(PDF) 3 Page - Cree, Inc

Part # C4SMN-RJF
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMN-RJF Datasheet(HTML) 3 Page - Cree, Inc

  C4SMN-RJF Datasheet HTML 1Page - Cree, Inc C4SMN-RJF Datasheet HTML 2Page - Cree, Inc C4SMN-RJF Datasheet HTML 3Page - Cree, Inc C4SMN-RJF Datasheet HTML 4Page - Cree, Inc C4SMN-RJF Datasheet HTML 5Page - Cree, Inc C4SMN-RJF Datasheet HTML 6Page - Cree, Inc C4SMN-RJF Datasheet HTML 7Page - Cree, Inc C4SMN-RJF Datasheet HTML 8Page - Cree, Inc C4SMN-RJF Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 4-mm Oval LED
C4SMN-RJF/GJF/BJF
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
Green:C4SMN-GJF
Bin Code
Min.(mcd)
Max.(mcd)
V4
2781
3000
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
X1
4180
4600
X2
4600
5020
X3
5020
5440
Blue:C4SMN-BJF
Bin Code
Min.(mcd)
Max.(mcd)
R1
550
605
R2
605
660
R3
660
715
R4
715
770
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
Red: C4SMN-RJF
Bin Code Min.(mcd) Max.(mcd)
T2
1205
1310
T3
1310
1415
T4
1415
1520
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
V1
2130
2347
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com