Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM3C-RKW-CUbVaAA3 Datasheet(PDF) 4 Page - Cree, Inc

Part # CLM3C-RKW-CUbVaAA3
Description  Cree PLCC2 1-in-1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM3C-RKW-CUbVaAA3 Datasheet(HTML) 4 Page - Cree, Inc

  CLM3C-RKW-CUbVaAA3 Datasheet HTML 1Page - Cree, Inc CLM3C-RKW-CUbVaAA3 Datasheet HTML 2Page - Cree, Inc CLM3C-RKW-CUbVaAA3 Datasheet HTML 3Page - Cree, Inc CLM3C-RKW-CUbVaAA3 Datasheet HTML 4Page - Cree, Inc CLM3C-RKW-CUbVaAA3 Datasheet HTML 5Page - Cree, Inc CLM3C-RKW-CUbVaAA3 Datasheet HTML 6Page - Cree, Inc CLM3C-RKW-CUbVaAA3 Datasheet HTML 7Page - Cree, Inc CLM3C-RKW-CUbVaAA3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC2 1 in 1 SMD LED
CLM3C-RKW/AKW
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color Bin
Min.(nm)
Color Bin
Max.(nm)
Red
CLM3C-RKW-CUaVbAA3
450
1120
RA
618
RA
630
Red
CLM3C-RKW-CUbVaAA3
560
900
RA
618
RA
630
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color Bin
Min.(nm)
Color Bin
Max.(nm)
Amber
CLM3C-AKW-CTbVa253
355
900
A2
584
A5
596
Amber
CLM3C-AKW-CUbVa353
560
900
A3
587
A5
596
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com