Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVBAFKA Datasheet(PDF) 3 Page - Cree, Inc

Part # CLVBAFKA
Description  Cree PLCC4 3-in-1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLVBAFKA Datasheet(HTML) 3 Page - Cree, Inc

  CLVBAFKA Datasheet HTML 1Page - Cree, Inc CLVBAFKA Datasheet HTML 2Page - Cree, Inc CLVBAFKA Datasheet HTML 3Page - Cree, Inc CLVBAFKA Datasheet HTML 4Page - Cree, Inc CLVBAFKA Datasheet HTML 5Page - Cree, Inc CLVBAFKA Datasheet HTML 6Page - Cree, Inc CLVBAFKA Datasheet HTML 7Page - Cree, Inc CLVBAFKA Datasheet HTML 8Page - Cree, Inc CLVBAFKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 3 in 1 SMD LED
CLVBA-FKA
INTENSITY BIN LIMIT (I
F = 8 mA)
COLOR BIN LIMIT (I
F = 8 mA)
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475
B67
472.5
477.5
B6
475
480
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Red
Bin Code
Min.(mcd) Max.(mcd)
A
71
90
3a4
81
101
B
90
112
56
101
126
C
112
140
78
126
160
D
140
180
9a
160
202
E
180
224
Green
Bin Code
Min.(mcd) Max.(mcd)
D
140
180
9a
160
202
E
180
224
bc
202
252
F
224
280
de
252
318
G
280
355
fg
318
403
H
355
450
Blue
Bin Code
Min.(mcd) Max.(mcd)
L8
36
45
3g3f
41
51
L9
45
56
3e3d
51
64
L
56
71
3c3b
64
81
A
71
90
3a4
81
101
B
90
112



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com