Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71321LA55PFG Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 71321LA55PFG
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71321LA55PFG Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 71321LA55PFG Datasheet HTML 9Page - Integrated Device Technology 71321LA55PFG Datasheet HTML 10Page - Integrated Device Technology 71321LA55PFG Datasheet HTML 11Page - Integrated Device Technology 71321LA55PFG Datasheet HTML 12Page - Integrated Device Technology 71321LA55PFG Datasheet HTML 13Page - Integrated Device Technology 71321LA55PFG Datasheet HTML 14Page - Integrated Device Technology 71321LA55PFG Datasheet HTML 15Page - Integrated Device Technology 71321LA55PFG Datasheet HTML 16Page - Integrated Device Technology 71321LA55PFG Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
16
being expanded in depth, then the
BUSYindicationfortheresultingarray
does not require the use of an external AND gate.
Width Expansion with Busy Logic
Master/Slave Arrays
WhenexpandinganSRAMarrayinwidthwhileusing
BUSYlogic,one
master part is used to decide which side of the SRAM array will receive
a
BUSYindication,andtooutputthatindication.Anynumberofslavesto
be addressed in the same address range as the master, use the
BUSY
signal as a write inhibit signal. Thus on the IDT71321/IDT71421 SRAMs
the
BUSYpinisanoutputifthepartisMaster(IDT71321),andtheBUSY
pin is an input if the part is a Slave (IDT71421) as shown in Figure 3.
Iftwoormoremasterpartswereusedwhenexpandinginwidth,asplit
decision could result with one master indicating
BUSYononesideofthe
array and another master indicating
BUSYononeothersideofthearray.
This would inhibit the write operations from one port for part of a word and
inhibitthewriteoperationsfromtheotherportfortheotherpartoftheword.
The
BUSY arbitration, on a Master, is based on the chip enable and
address signals only. It ignores whether an access is a read or write. In
a master/slave array, both address and chip enable must be valid long
enoughfora
BUSYflagtobeoutputfromthemasterbeforetheactualwrite
pulsecanbeinitiatedwitheithertheR/
Wsignalorthebyteenables. Failure
toobservethistimingcanresultinaglitchedinternalwriteinhibitsignaland
corrupted data in the slave.
Functional Description
The IDT71321/IDT71421 provides two ports with separate control,
address and I/O pins that permit independent access for reads or writes
to any location in memory. The IDT71321/IDT71421 has an automatic
power down feature controlled by
CE. The CE controls on-chip power
down circuitry that permits the respective port to go into a standby mode
when not selected (
CE=VIH).Whenaportisenabled,accesstotheentire
memory array is permitted.
Interrupts
If the user chooses the interrupt function, a memory location (mail box
or message center) is assigned to each port. The left port interrupt flag
(
INTL) is asserted when the right port writes to memory location 7FE
(HEX), where a write is defined as the
CER= R/WR =VIL,perTruthTable
II.Theleftportclearstheinterruptbyaccessingaddresslocation7FEwhen
CEL = OEL = VIL, R/W is a "don't care". Likewise, the right port interrupt
flag (
INTR) is asserted when the left port writes to memory location 7FF
(HEX) and to clear the interrupt flag (
INTR),therightportmustaccessthe
memorylocation7FF.Themessage(8bits)at7FEor7FFisuser-defined,
sinceitisanaddressableSRAMlocation.Iftheinterruptfunctionisnotused,
address locations 7FE and 7FF are not used as mail boxes, but as part
of the random access memory. Refer to Truth Table II for the interrupt
operation.
Busy Logic
Busy Logic provides a hardware indication that both ports of the RAM
haveaccessedthesamelocationatthesametime.Italsoallowsoneofthe
twoaccessestoproceedandsignalstheothersidethattheRAMis“Busy”.
The
BUSYpincanthenbeusedtostalltheaccessuntiltheoperationon
the other side is completed. If a write operation has been attempted from
the side that receives a busy indication, the write signal is gated internally
to prevent the write from proceeding.
The use of
BUSYLogicisnotrequiredordesirableforallapplications.
In some cases it may be useful to logically OR the
BUSYoutputstogether
and use any
BUSY indication as an interrupt source to flag the event of
anillegalorillogicaloperation.Inslavemodethe
BUSYpinoperatessolely
as a write inhibit input pin. Normal operation can be programmed by tying
the
BUSY pins HIGH. If desired, unintended write operations can be
prevented to a port by tying the
BUSY pin for that port LOW.
The
BUSY outputs on the IDT71321 (Master) are open drain type
outputs and require open drain resistors to operate. If these SRAMs are
Figure 3. Busy and chip enable routing for both width and depth
expansion with IDT71321 (Master) and (Slave) IDT71421 SRAMs.
2691 drw 16
MASTER
Dual Port
SRAM
BUSYL
BUSYR
CE
MASTER
Dual Port
SRAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
SRAM
BUSYL
BUSYR
CE
SLAVE
Dual Port
SRAM
BUSYL
BUSYR
CE
BUSYL
BUSYR
5V
5V
270
Ω
270
Ω
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com