Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4SMS-RJF-CS0U0BB2 Datasheet(PDF) 1 Page - Cree, Inc

Part # S4SMS-RJF-CS0U0BB2
Description  Cree Screen Master 4-mm Oval LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

S4SMS-RJF-CS0U0BB2 Datasheet(HTML) 1 Page - Cree, Inc

  S4SMS-RJF-CS0U0BB2 Datasheet HTML 1Page - Cree, Inc S4SMS-RJF-CS0U0BB2 Datasheet HTML 2Page - Cree, Inc S4SMS-RJF-CS0U0BB2 Datasheet HTML 3Page - Cree, Inc S4SMS-RJF-CS0U0BB2 Datasheet HTML 4Page - Cree, Inc S4SMS-RJF-CS0U0BB2 Datasheet HTML 5Page - Cree, Inc S4SMS-RJF-CS0U0BB2 Datasheet HTML 6Page - Cree, Inc S4SMS-RJF-CS0U0BB2 Datasheet HTML 7Page - Cree, Inc S4SMS-RJF-CS0U0BB2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® Screen Master® 4-mm Oval LED
S4SMS-RJF/GJF/BJF
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
These oval LEDs are designed for full
color video displays and signs for live
action events and advertising signs.
The oval-shaped radiation pattern
and high luminous intensity ensure
that these devices are excellent for
wide-field-of -view outdoor applica-
tions where a wide viewing angle and
readability in sunlight are essential.
These lamps are made with an ad-
vanced optical-grade epoxy that offers
superior high-temperature and high-
moisture-resistance performance in
outdoor signal and sign applications.
The encapsulation resin contains anti-
UV material in order to reduce the ef-
fects of long-term exposure to direct
sunlight.
FEATURES
•
Size (mm): 4
•
Color and Typical Dominant
Wavelength:
Red (621nm)
Green(527nm)
Blue(472nm)
•
Luminous Intensity (mcd)
S4SMS-RJF: (770-2130)
S4SMS-GJF: (2130-5860)
S4SMS-BJF: (390-1100)
•
Lead - Free
•
RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
•
Electronic Signs & Signals
(ESS)
•
Full Color video screen
•
Motorway Signs
•
Variable Message Sign (VMS)
•
Advertising signs
•
Petrol Signs


Similar Part No. - S4SMS-RJF-CS0U0BB2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
S4SMS-RJY CREE-S4SMS-RJY Datasheet
1Mb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY-CS0U0BB1 CREE-S4SMS-RJY-CS0U0BB1 Datasheet
1Mb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY-CS0U0BB2 CREE-S4SMS-RJY-CS0U0BB2 Datasheet
1Mb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY-CS12QBB1 CREE-S4SMS-RJY-CS12QBB1 Datasheet
1Mb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY-CS12QBB2 CREE-S4SMS-RJY-CS12QBB2 Datasheet
1Mb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
More results

Similar Description - S4SMS-RJF-CS0U0BB2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
Cree Screen Master 5-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com