Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLMP Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASFLMP
Description  PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLMP Datasheet(HTML) 2 Page - Abracon Corporation

  ASFLMP Datasheet HTML 1Page - Abracon Corporation ASFLMP Datasheet HTML 2Page - Abracon Corporation ASFLMP Datasheet HTML 3Page - Abracon Corporation ASFLMP Datasheet HTML 4Page - Abracon Corporation ASFLMP Datasheet HTML 5Page - Abracon Corporation ASFLMP Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
| | | | | | | | | | | | | |
|
D
E
I
F
I
T
R
E
C
ABRACON IS
D
E
I
F
I
T
R
E
C
ABRACON IS
ISO9001:2008
D
E
I
F
I
T
R
E
C
ASFLMP
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATOR
5.0 x 3.2 x 0.85 mm
ASFLMP
Life Size
Pb RoHS/RoHS II compliant
Key Electrical Specifications – LVPECL
Key Electrical Specifications – LVDS
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd)
56.5
58
mA
RL=50Ω
Output Logic Level
VOH
Vdd-1.08
V
RL=50Ω
VOL
Vdd-1.55
V
Peak to Peak Output Swing (Vpp)
800
mV
Single ended
Rise Time
Tr
250
ps
RL=50Ω , CL=0pF
20% to 80%
Fall Time
Tf
250
l
a
it
n
e
r
e
f
fi
D
%
2
5
8
4
e
l
c
y
C
y
t
u
D
Integrated Phase Jitter (JPH)
0.25
2
ps
200kHz ~ 20MHz
@156.25MHz
0.38
2
100kHz ~ 20MHz
@156.25MHz
1.70
2
12kHz ~ 20MHz
@156.25MHz
Period Jitter RMS (JPER
s
p
5
.
2
)
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd)
29
32
mA
RL=100Ω
Output Offset Voltage (VOS)
1.125
1.4
V
RL=100Ω differential
Delta Offset Voltage (∆VOS)
50
mV
Peak to Peak Output Swing (Vpp)
350
mV
Single ended
Rise Time
Tr
200
ps
RL=50Ω , CL=2pF
20% to 80%
Fall Time
Tf
200
l
a
it
n
e
r
e
f
fi
D
%
2
5
8
4
e
l
c
y
C
y
t
u
D
Integrated Phase Jitter (JPH)
0.28
2
ps
200kHz ~ 20MHz
@156.25MHz
0.40
2
100kHz ~ 20MHz
@156.25MHz
1.70
2
12kHz ~ 20MHz
@156.25MHz
Period Jitter RMS (JPER
s
p
5
.
2
)
Key Electrical Specifications – HCSL
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd)
40
42
mA
RL=50Ω
Output Logic Level
VOH
0.725
V
RL=50Ω
VOL
0.1
V
Peak to Peak Output Swing (Vpp)
750
mV
Single ended
Rise Time
Tr
200
400
ps
RL=50Ω , CL=2pF
Fall Time
Tf
200
400
l
a
it
n
e
r
e
f
fi
D
%
2
5
8
4
e
l
c
y
C
y
t
u
D
Integrated Phase Jitter (JPH)
0.25
2
ps
200kHz ~ 20MHz
@156.25MHz
0.37
2
100kHz ~ 20MHz
@156.25MHz
1.70
2
12kHz ~ 20MHz
@156.25MHz
Period Jitter RMS (JPER
s
p
5
.
2
)
20% to 80%
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 08.19.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com