Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASSFLP Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASSFLP
Description  2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSFLP Datasheet(HTML) 2 Page - Abracon Corporation

  ASSFLP Datasheet HTML 1Page - Abracon Corporation ASSFLP Datasheet HTML 2Page - Abracon Corporation ASSFLP Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
|| | | | | | | | | | | | | |
ASSFLP SERIES
5.0 x 3.2 x 1.3 mm
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM
LOW EMI CLOCK OSCILLATOR
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.28.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Pb RoHS / RoHS II Compliant
Note *: All spectrum spread percentage numbers are typical values
Table: SPREAD SPECTRUM BANDWIDTH SELECTION TABLE
SPREAD SPECTRUM BAND WIDTH OPTIONS *
Center Spread (%)
Down Spread (%)
C02
±0.250
D02
-0.50
C04
±0.50
D03
-0.75
C08
±1.000
D04
-1.00
C12
±1.500
D06
-1.50
C16
±2.000
D08
-2.00
D12
-3.00
D16
-4.00
ASSFLP -
MHz - - -
Overall Freq. Stability
Blank: ±50ppm
R: ±25ppm
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 14.31818MHz
Contact Abracon for special
tighter stability
Packaging
Blank: Bulk
T: Tape & Reel
SSBW
C□□ or D□□
See table below
Supply Voltage
Blank: 3.3V±5%
1: 2.5V±5%
SSBW: Spread Spectrum
Band Width



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com