Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMB Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVMB
Description  PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMB Datasheet(HTML) 1 Page - Abracon Corporation

  ASVMB Datasheet HTML 1Page - Abracon Corporation ASVMB Datasheet HTML 2Page - Abracon Corporation ASVMB Datasheet HTML 3Page - Abracon Corporation ASVMB Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
| | | | | | | | | | | | | | |
ASVMB
FEATURES:
APPLICATIONS:
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE
7.0 x 5.0 x 0.85 mm
PURE SILICONTM CLOCK OSCILLATOR
STANDARD SPECIFICATIONS:
• CCD Clock for VTR Camera
• Equipment Connected to PCs
• Low Profile Equipment
• Computers and Peripherals
• Lower Cost Crystal Oscillator Replacement
• Portable Electronics (MP3 Players, Games)
• Consumer Electronics such as TV’s, DVR’s, etc.
• Vibrant, Shock-Prone & Humid Environments for Industrial Equipment
• Demanding Military & Automotive Electronics
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Common Key Electrical Specifications
MEMS
TECHNOLOGY
• Pure Silicon™ Clock Oscillator
• 2nd Generation MEMS Technology with reduced jitter by Discera
• Low Power Consumption <10mA
• Exceptional Stability +/- 10ppm Over Temp. at -40 to +105°C
• Compact QFN Plastic Packaging
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range:
1.0
150
MHz
Operating Temperature:
0
+70
°C
See options
Storage Temperature:
-55
+150
°C
Overall Frequency Stability*:
-50
+50
ppm
See options
Supply Voltage (Vdd):
+1.8 ~ +3.3
V
Output Load:
15, 25, or 40
pF
See options
10
kΩ
Symmetry:
45
55
%
@1/2Vdd
Startup Time:
1.5
3.0
ms
Disable Time:
20
100
ns
Disable Stand-by Current:
15
uA
Tri-state Function (Stand-by) :
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
Aging:
-5.0
+5.0
ppm
First year
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current
(no load):
1.0 to 39.9999MHz
5
15
mA
CL=0p
RL=∞
T=25°C
(Standard CL: 15pF)
40.0 to 79.9999MHz
6
15
mA
80.0 to 124.9999MHz
7
15
mA
125.0 to 150MHz
8
15
mA
1.0 to 39.9999MHz
6
15
mA
CL=0p
RL=∞
T=25°C
(CL option: 25pF)
40.0 to 79.9999MHz
7
15
mA
80.0 to 124.9999MHz
8
15
mA
125.0 to 150MHz
9
15
mA
1.0 to 39.9999MHz
7
15
mA
CL=0p
RL=∞
T=25°C
(CL option: 40pF)
40.0 to 79.9999MHz
8
15
mA
80.0 to 124.9999MHz
9
15
mA
125.0 to 150MHz
10
15
mA
Output Voltage:
VOH
0.8*Vdd
V
CL=15, 25, 40pF
VOL
0.2*Vdd
V
Rise Time:
Fall Time:
Tr
1.8
3.0
ns
CL=15pF; T=25°C
20%/80%*VDD
Tf
1.0
3.0
ns
Tr
1.5
3.0
ns
CL=25pF; T=25°C
20%/80%*VDD
Tf
1.2
3.0
ns
Tr
1.4
3.0
ns
CL=40pF; T=25°C
20%/80%*VDD
Tf
1.1
3.0
ns
Cycle to Cycle Jitter:
60
ps
F=100MHz
Period Jitter RMS:
10
ps
F=100MHz
Key Electrical Specifications – Vdd = 1.8V
Pb RoHS/RoHS II Compliant
Moisture Sensitivity Level – MSL 1
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sal
LLC


Similar Part No. - ASVMB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVM ABRACON-ASVM Datasheet
3Mb / 3P
Low Cost-Compact QFN Plastic Packaging
04.30.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMPA ABRACON-ASVMPA Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASVMPAC-14.3181MHZ-LJ-PD ABRACON-ASVMPAC-14.3181MHZ-LJ-PD Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASVMPAC-14.3181MHZ-LR-PD ABRACON-ASVMPAC-14.3181MHZ-LR-PD Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
More results

Similar Description - ASVMB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASDMB ABRACON-ASDMB Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASDMB-25.000MHZ-LC-T ABRACON-ASDMB-25.000MHZ-LC-T Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASEMPLV-100.000MHZ-LR-T ABRACON-ASEMPLV-100.000MHZ-LR-T Datasheet
4Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
07.16.12
ASDMB-E ABRACON-ASDMB-E Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASEMB-24.000MHZ-LC-T ABRACON-ASEMB-24.000MHZ-LC-T Datasheet
9Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
10.22.13
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com