Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSCR-CW Datasheet(PDF) 2 Page - Abracon Corporation

Part # AWSCR-CW
Description  2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CW Datasheet(HTML) 2 Page - Abracon Corporation

  AWSCR-CW Datasheet HTML 1Page - Abracon Corporation AWSCR-CW Datasheet HTML 2Page - Abracon Corporation AWSCR-CW Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTLINE DIMENSION:
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE
CERAMIC RESONATOR
AWSCR-CW
TEST CIRCUIT:
30332 Esperanza, Rancho Santa Margarita, California 92688
Revised: 08.08.14
Visit www.abracon.com for Terms & Conditions of Sale
2.5 x 2.0 x 1.2mm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Parts shall be measured under a condition (Temp.: 20±15°C, Humidity: 65±20% R.H.) unless the standard condition
(Temp: 25±3°C, Humidity: 65±10% R.H.) is regulated to measure
X: Ceramic Resonator
C1=C2: 10pF ±20% ( 20.00MHz~25.99MHz)
5pF ±20% (26.00MHz~35.00MHz)
5pF ±20% (35.01MHz~60.00MHz)
Dimension: mm
:Land Pattern
1.2 max
Recommended Land Pattern
RoHS/RoHS II compliant
Pb in ceramic, exemption (7c-I)
tel 949-546-8000 | fax 949-546-8001| www.abracon.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com