Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS663M Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS663M
Description  PLL BUILDING BLOCK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS663M Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS663M Datasheet HTML 1Page - Integrated Circuit Systems ICS663M Datasheet HTML 2Page - Integrated Circuit Systems ICS663M Datasheet HTML 3Page - Integrated Circuit Systems ICS663M Datasheet HTML 4Page - Integrated Circuit Systems ICS663M Datasheet HTML 5Page - Integrated Circuit Systems ICS663M Datasheet HTML 6Page - Integrated Circuit Systems ICS663M Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PLL BUILDING BLOCK
MDS 663 D
6
Revision 062904
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS663
Determining the Loop Filter Values
The loop filter components consist of C1, C2, and RZ.
Calculating these values is best illustrated by an
example. Using the example in Figure 1, we can
synthesize 20 MHz from a 200 kHz input.
The phase locked loop may be approximately
described by the following equations:
Bandwidth
Damping factor,
where:
KO = VCO gain (MHz/Volt)
Icp = Charge pump current (µA)
N = Total feedback divide from VCO,
including the internal VCO post divider
C1 = Loop filter capacitor (Farads)
RZ = Loop filter resistor (Ohms)
As a general rule, the bandwidth should be at least 20
times less than the reference frequency, i.e.,
In this example, using the above equation, bandwidth
should be less than or equal to 10 kHz. By setting the
bandwith to 10kHz and using the first equation, RZ can
be determined since all other variables are known. In
the example of Figure 1, N = 200, comprising the divide
by 2 on the chip (VCO post divider) and the external
divide by 100. Therefore, the bandwidth equation
becomes:
and RZ = 25 kΩ
Choosing a damping factor of 0.7 (a minimal damping
factor than can be used to ensure fast lock time),
damping factor equation becomes:
and C1 = 1.25 nF (1.2 nF is the nearest standard
value).
The capacitor C2 is used to damp transients from the
charge pump and should be approximately 1/20th the
size of C1, i.e.,
Therefore, C2 = 60 pF (56 pF nearest standard value).
To summarize, the loop filter components are:
C1 = 1.2 nf
C2 = 56 pf
Rz = 25 kΩ
RZ KO ICP
⋅⋅
()
2
π N
⋅
------------------------------------
=
ζ
RZ
2
------
KO ICP C1
⋅⋅
N
-------------------------------
=
BW
REFIN
() 20
⁄
≤
10,000
RZ 200 2.5
⋅⋅
2
π 200
⋅
--------------------------------
=
0.7
25 000
,
2
------------------
200 2.5 C1
⋅⋅
200
---------------------------------
=
C2 C1 20
⁄
≅



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com