Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBS Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # CBS
Description  Power Entry Module with Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CBS Datasheet(HTML) 4 Page - TE Connectivity Ltd

  CBS Datasheet HTML 1Page - TE Connectivity Ltd CBS Datasheet HTML 2Page - TE Connectivity Ltd CBS Datasheet HTML 3Page - TE Connectivity Ltd CBS Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C Series
Power Entry Module with Switch (continued)
3
133
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Performance Data
Typical Insertion Loss
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
1CF
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
3CF
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system
 
  

 




 





























 




























6CF
10CF
Differential Mode / Symmetrical (Line to Line)
1CH
3CH
6CH
10CH
 
  

 




 


























 


























0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com